Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP45522IMNTWG-L Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP45522IMNTWG-L
Description  Advanced Load Management
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP45522IMNTWG-L Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP45522IMNTWG-L Datasheet HTML 2Page - ON Semiconductor NCP45522IMNTWG-L Datasheet HTML 3Page - ON Semiconductor NCP45522IMNTWG-L Datasheet HTML 4Page - ON Semiconductor NCP45522IMNTWG-L Datasheet HTML 5Page - ON Semiconductor NCP45522IMNTWG-L Datasheet HTML 6Page - ON Semiconductor NCP45522IMNTWG-L Datasheet HTML 7Page - ON Semiconductor NCP45522IMNTWG-L Datasheet HTML 8Page - ON Semiconductor NCP45522IMNTWG-L Datasheet HTML 9Page - ON Semiconductor NCP45522IMNTWG-L Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NCP45522, NCP45523
http://onsemi.com
6
Thermal Shutdown
The thermal shutdown of the NCP4552x devices protects
the part from internally or externally generated excessive
temperatures. This circuitry is disabled when EN is not
active to reduce standby current. When an over-temperature
condition is detected, the MOSFET is immediately turned
off and the load bleed is activated.
The part comes out of thermal shutdown when the
junction temperature decreases to a safe operating
temperature as dictated by the thermal hysteresis. Upon
exiting a thermal shutdown state, and if EN remains active,
the MOSFET will be turned on in a controlled fashion with
the normal output turn-on delay and slew rate.
Undervoltage Lockout
The undervoltage lockout of the NCP4552x devices turns
the MOSFET off and activates the load bleed when the input
voltage, VIN, is less than or equal to the undervoltage
lockout threshold. This circuitry is disabled when EN is not
active to reduce standby current.
If the VIN voltage rises above the undervoltage lockout
threshold, and EN remains active, the MOSFET will be
turned on in a controlled fashion with the normal output
turn-on delay and slew rate.
Figure 3. NCP45522 Typical Application Diagram − Load Switch
Bandgap
&
Biases
Charge
Pump
Delay and
Slew Rate
Control
Thermal,
Undervoltage
&
Short−Circuit
Protection
Control
Logic
Load
Controller
3.0 V − 5.5 V
Power Supply
or Battery
0.5 V − 13.5 V
GND
BLEED
VOUT
VIN
PG
EN
VCC
RPG
100 k
W
VTERM = 3.3 V
REXT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com