Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP45540IMNTWG.H Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP45540IMNTWG.H
Description  Advanced Load Management
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP45540IMNTWG.H Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP45540IMNTWG.H Datasheet HTML 3Page - ON Semiconductor NCP45540IMNTWG.H Datasheet HTML 4Page - ON Semiconductor NCP45540IMNTWG.H Datasheet HTML 5Page - ON Semiconductor NCP45540IMNTWG.H Datasheet HTML 6Page - ON Semiconductor NCP45540IMNTWG.H Datasheet HTML 7Page - ON Semiconductor NCP45540IMNTWG.H Datasheet HTML 8Page - ON Semiconductor NCP45540IMNTWG.H Datasheet HTML 9Page - ON Semiconductor NCP45540IMNTWG.H Datasheet HTML 10Page - ON Semiconductor NCP45540IMNTWG.H Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NCP45540
www.onsemi.com
7
TYPICAL CHARACTERISTICS
(TJ = 25°C unless otherwise specified)
Figure 15. PG Output Low Voltage vs. Supply
Voltage
Figure 16. PG Output Low Voltage vs.
Temperature
VCC, SUPPLY VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (°C)
5.5
5.0
4.5
4.0
3.5
3.0
0.110
0.115
0.120
0.125
0.130
0.135
0.140
105
75
45
15
−15
−45
0.08
0.10
0.12
0.14
0.16
0.18
0.20
Figure 17. Slew Rate Control Constant vs.
Input Voltage
Figure 18. Slew Rate Control Constant vs.
Temperature
VIN, INPUT VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (°C)
Figure 19. Short−Circuit Protection Threshold
vs. Input Voltage
Figure 20. Output Slew Rate vs. Input Voltage
VIN, INPUT VOLTAGE (V)
VIN, INPUT VOLTAGE (V)
12.5
10.5
8.5
6.5
4.5
2.5
0.5
250
260
270
280
290
300
310
320
12.5
10.5
8.5
6.5
4.5
2.5
0.5
9
10
11
12
13
14
ISINK = 5 mA
VCC = 3 V
VCC = 5.5 V
VCC = 3 V
VCC = 5.5 V
VCC = 3 V
VCC = 5.5 V
ISINK = 5 mA
12.5
10.5
8.5
6.5
4.5
2.5
0.5
28
29
31
32
33
34
36
37
105
75
45
15
−15
−45
32.0
32.5
33.0
33.5
34.0
34.5
35.0
35.5
30
35
VCC = 3 V
VCC = 5.5 V
VCC = 3 V
VCC = 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com