Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM17IO Datasheet(PDF) 17 Page - Panasonic Semiconductor

Part # TM17IO
Description  32-bit Single-chip Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TM17IO Datasheet(HTML) 17 Page - Panasonic Semiconductor

Back Button TM17IO Datasheet HTML 13Page - Panasonic Semiconductor TM17IO Datasheet HTML 14Page - Panasonic Semiconductor TM17IO Datasheet HTML 15Page - Panasonic Semiconductor TM17IO Datasheet HTML 16Page - Panasonic Semiconductor TM17IO Datasheet HTML 17Page - Panasonic Semiconductor TM17IO Datasheet HTML 18Page - Panasonic Semiconductor TM17IO Datasheet HTML 19Page - Panasonic Semiconductor TM17IO Datasheet HTML 20Page - Panasonic Semiconductor TM17IO Datasheet HTML 21Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
MN103SFM9K
32-bit Single-chip Microcontroller
Publication date: August 2014
17
PubNo. 232M9-010E
1.5.2
Operating Conditions
Figure:1.5.1 Oscillation
VSS=0.0 V
Ta= -40
°C to +85 °C
Parameter
Symbol
Conditions
Limits
Unit
Min.
Typ.
Max.
B1
External supply voltage1
VDD
-
VRST
5.0
5.5
V
Note) For power supply detection level VRST, refer to “Auto reset circuit characteristics”.
Oscillation
VDD = VRST to 5.5 V
VSS = 0.0 V
Ta= -40
°C to +85 °C
Parameter
Symbol
Conditions
Limits
Unit
Min.
Typ.
Max.
B2
Input frequency
FOSC
-
5.0
-
15
MHz
B3
Internal feedback resistor
RFB
-
-
1.2
-
M
Ω
Note) Capacity value differs depending on oscillators to be used. Consult the oscillator mamufacture for the appropriate circuit constant.
Oscillator
(ceramic, crystal)
OSCI
OSCO
C1
C2
RFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com