Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIP-1000 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # CIP-1000
Description  CONTROLLABLE ISOTHERMAL PLATE SYSTEM FOR A HIGHLY ACCURATE, ADJUSTABLE HEAT SOURCE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

CIP-1000 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  CIP-1000 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The CIP-1000TM, is Controllable Isothermal Plate is a
system for providing an isothermal surface that can
be precisely temperature-controlled from 10 to 170°C
with an accuracy of +/- 0.1°C.
The CIP-1000TM system features a 75 mm diameter
isothermal copper plate whose constant temperature
can be raised or lowered both automatically and
manually. A three wire RTD sensor and integral PID
controller ensure specific, uniform temperature across
the entire plate.
The laboratory-quality CIP-1000TM system includes a separate controller unit that
allows both pre-programmed and hands-on temperature management. The controller
communicates with a PC through a choice of either a USB or RS232 connection. The
included stageTHERMTM software allows easy temperature variation of the isothermal plate
for testing and other applications. Different plate temperature settings can be programmed
for automated ramping, including hold times for each step. Alternatively, the temperature of
the plate can be manually adjusted in increments as
small as 0.1oC using the system’s digital controls.
Time and temperature data are accurately recorded
and can be downloaded or viewed in easy to read
graphs and tables. If needed, the CIP-1000TM plate
is easily removable for rework, surface treatment,
attaching DUT and other such tests. The system can
also be customized for special applications including
larger plates and different temperature ranges.
The CIP-1000TM system can be used in a wide
range of applications, including component and
environmental testing, product development, quality
control and life science studies.
For further technical information, please contact Advanced Thermal
Solutions, Inc. at 1-781-769-2800 or www.qats.com
89-27 ACCESS ROAD, NORWOOD, MA 02062 USA | T: 781.769. 2800 F: 781.769.9979 | WWW.QATS.COM
R2_0215
CONTROLLABLE ISOTHERMAL PLATE
FEATURES:
» Wide Temperature Range
Produces surface tempera-
tures from 10°C to 170°C
» Highly Accurate Control
Temperature can be con-
trolled to less than 0.1°C
display resolution
» Fully Programmable
Plate temperature settings
can be programmed for
automated ramping, including
hold times for each step
» Removable Copper Plate
CIP-1000TM plate is easily
removable for rework, surface
treatment, attaching DUT and
other such tests
» PID Control
Unipolar or bipolar, PID con-
trol with auto-tuning capability
» Free Lifetime Tech Support
APPLICATIONS:
» Telecommunications
» Automotive
» Medical Instrumentation
» Thermal Management
» Pharmaceuticals
» Chemical
CIP-1000TM
CONTROLLABLE ISOTHERMAL PLATE SYSTEM FOR A HIGHLY ACCURATE, ADJUSTABLE HEAT SOURCE
Front
Bottom
Controller
SENSOR TYPE
Three-wire 100 Ohm RTD
SURFACE TEMPERATURE RANGE
10°C to 170°C
CONTROLLER ENVIRONMENTAL TEMPERATURE
0 to 50°C
LONG TERM TEMPERATURE STABILITY
Less than 0.002°C
DISPLAY RESOLUTION
Less than 0.1°C
CONTROLLER DIMENSIONS (L X W X H)
269.25 mm x 182.9 x 124.45 mm
(10.6” x 7.2” x 4.9”)
PLATE ASSEMBLY DIMENSIONS
114.5 mm x 78.75 mm (4.5” x 3.1”)
PC CONNECTIONS
USB, RS232
POWER
115/230 VAC, 50-60 Hz


Similar Part No. - CIP-1000

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CIP2022 CANOPUS-CIP2022 Datasheet
701Kb / 1P
Piezo Element
CIP2732 CANOPUS-CIP2732 Datasheet
701Kb / 1P
Piezo Element
logo
Micronas
CIP3250A MICRONAS-CIP3250A Datasheet
326Kb / 44P
Component Interface Processor
logo
Canopus Electronics (H....
CIP3542 CANOPUS-CIP3542 Datasheet
701Kb / 1P
Piezo Element
CIP3548 CANOPUS-CIP3548 Datasheet
701Kb / 1P
Piezo Element
More results

Similar Description - CIP-1000

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
TL431 KEXIN-TL431 Datasheet
54Kb / 2P
Adjustable Accurate Reference Source
TL431-89 KEXIN-TL431-89 Datasheet
915Kb / 2P
Adjustable Accurate Reference Source
TL431-HF-89 KEXIN-TL431-HF-89 Datasheet
992Kb / 2P
Adjustable Accurate Reference Source
TL431K KEXIN-TL431K Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
TL431K-3 KEXIN-TL431K-3 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
TL431K-89 KEXIN-TL431K-89 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
logo
Jiangsu Changjiang Elec...
CJ431K JIANGSU-CJ431K Datasheet
839Kb / 6P
Adjustable Accurate Reference Source
CK431K JIANGSU-CK431K Datasheet
1Mb / 5P
Adjustable Accurate Reference Source
logo
Shenzhen Luguang Electr...
431 LUGUANG-431 Datasheet
795Kb / 2P
Adjustable Accurate Reference Source
logo
DONGGUAN YOU FENG WEI E...
TL431 YFWDIODE-TL431 Datasheet
424Kb / 3P
Adjustable Accurate Reference Source
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com