Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ABT241 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ABT241
Description  Octal Buffer/Line Driver with TRI-STATE Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT241 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ABT241 Datasheet HTML 1Page - National Semiconductor (TI) 54ABT241 Datasheet HTML 2Page - National Semiconductor (TI) 54ABT241 Datasheet HTML 3Page - National Semiconductor (TI) 54ABT241 Datasheet HTML 4Page - National Semiconductor (TI) 54ABT241 Datasheet HTML 5Page - National Semiconductor (TI) 54ABT241 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
54ABT241
Octal Buffer/Line Driver with TRI-STATE® Outputs
General Description
The ABT241 is an octal buffer and line driver with 3-STATE
outputs designed to be employed as a memory and address
driver, clock driver, or bus-oriented transmitter/receiver.
Features
n Non-inverting buffers
n Output sink capability of 48 mA, source capability of
24 mA
n Guaranteed latchup protection
n High impedance glitch free bus loading during entire
power up and power down cycle
n Nondestructive hot insertion capability
n Standard Microcircuit Drawing (SMD) 5962-9322701
Ordering Code
Military
Package Number
Package Description
54ABT241J-QML
J20A
20-Lead Ceramic Dual-In-Line
54ABT241W-QML
W20A
20-Lead Cerpack
54ABT241E-QML
E20A
20-Lead Ceramic Leadless Chip Carrier, Type C
Connection Diagram
Pin Names
Description
OE
1
Output Enable Input (Active Low)
OE
2
Output Enable Input (Active High)
I
0–I7
Inputs
O
0–O7
Outputs
Truth Table
OE
1
I
0–3
O
0–3
OE
2
I
4–7
O
4–7
HX
Z
L
X
Z
L
H
HHH
H
L
L
LHL
L
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = High Impedance
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Pin Assignment for
DIP and Cerpack
DS100215-1
Pin Assignment for LCC
DS100215-4
July 1998
© 1998 National Semiconductor Corporation
DS100215
www.national.com
1
PrintDate=1998/07/13 PrintTime=19:04:09 43584 ds100215 Rev. No. 1
cmserv
Proof
1


Similar Part No. - 54ABT241

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT240 NSC-54ABT240 Datasheet
168Kb / 11P
OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
54ABT240E-QML NSC-54ABT240E-QML Datasheet
134Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT240E-QML NSC-54ABT240E-QML Datasheet
168Kb / 11P
OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
54ABT240E-QML NSC-54ABT240E-QML Datasheet
184Kb / 11P
OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
More results

Similar Description - 54ABT241

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541 NSC-54ABT541 Datasheet
259Kb / 10P
Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541 NSC-54FCT541 Datasheet
131Kb / 6P
Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
54ABT244 TI1-54ABT244_13 Datasheet
306Kb / 10P
Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com