Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C9012PSC Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z86C9012PSC
Description  ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C9012PSC Datasheet(HTML) 7 Page - Zilog, Inc.

Back Button Z86C9012PSC Datasheet HTML 3Page - Zilog, Inc. Z86C9012PSC Datasheet HTML 4Page - Zilog, Inc. Z86C9012PSC Datasheet HTML 5Page - Zilog, Inc. Z86C9012PSC Datasheet HTML 6Page - Zilog, Inc. Z86C9012PSC Datasheet HTML 7Page - Zilog, Inc. Z86C9012PSC Datasheet HTML 8Page - Zilog, Inc. Z86C9012PSC Datasheet HTML 9Page - Zilog, Inc. Z86C9012PSC Datasheet HTML 10Page - Zilog, Inc. Z86C9012PSC Datasheet HTML 11Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
[4,5]
5.0V
20
20
15
mA
@ 12 MHz
[4,5]
Sym
Parameter
V
CC
T
A = 0°CTA = -40° C
Typ @ Units
Conditions
Notes
Note [3]
to 70
°C
to 105
° C25°C
Min
Max
Min
Max
I
CC1
Standby Current
3.3V
3
3
1
mA
HALT Mode
[4,5]
V
IN = OV, VCC
@ 8 MHz
5.0V
5
5
2.4
mA
HALT Mode
[4,5]
V
IN = OV, VCC
@ 8 MHz
3.3V
4
4
1.5
mA
HALT Mode
[4,5]
V
IN = OV, VCC
@ 12 MHz
5.0V
6
6
3.2
mA
HALT Mode
[4,5]
V
IN = OV, VCC
@ 12 MHz
3.3V
2
2
0.8
mA
Clock Divide by
[4,5]
16 @ 8 MHz
5.0V
4
4
1.8
mA
Clock Divide by
[4,5]
16 @ 8 MHz
3.3V
3
3
1.2
mA
Clock Divide by
[4,5]
16 @ 12 MHz
5.0V
5
5
2.5
mA
Clock Divide by
[4,5]
16 @ 12 MHz
I
CC2
Standby Current
3.3V
8
15
1
µA
STOP Mode
[6]
V
IN = OV, VCC
WDT is not Running
5.0V
10
20
2
µA
STOP Mode
[6]
V
IN = OV, VCC
WDT is not Running
3.3V
500
600
310
µA
STOP Mode
[6]
V
IN
=
OV, V
CC
WDT is
Running
5.0V
800
1000
600
µA
STOP
Mode
V
IN
=
OV, V
CC
WDT is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com