Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C90PLCC Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z86C90PLCC
Description  ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C90PLCC Datasheet(HTML) 5 Page - Zilog, Inc.

  Z86C90PLCC Datasheet HTML 1Page - Zilog, Inc. Z86C90PLCC Datasheet HTML 2Page - Zilog, Inc. Z86C90PLCC Datasheet HTML 3Page - Zilog, Inc. Z86C90PLCC Datasheet HTML 4Page - Zilog, Inc. Z86C90PLCC Datasheet HTML 5Page - Zilog, Inc. Z86C90PLCC Datasheet HTML 6Page - Zilog, Inc. Z86C90PLCC Datasheet HTML 7Page - Zilog, Inc. Z86C90PLCC Datasheet HTML 8Page - Zilog, Inc. Z86C90PLCC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test conditions
as noted. All voltages are referenced to GND. Positive current
flows into the referenced pin (Test Load Diagram).
Symbol
Description
Min
Max
Units
V
CC
Supply Voltage (*)
-0.3
+7.0
V
T
STG
Storage Temp
-65
°
+150
°
C
T
A
Oper Ambient Temp
†
C
Power Dissipation
2.2
W
Notes:
* Voltage on all pins with respect to GND.
† See Ordering Information.
Stress greater than those listed under Absolute Maximum Rat-
ings may cause permanent damage to the device. This is a stress
rating only; operation of the device at any condition above those
indicated in the operational sections of these specifications is not
implied. Exposure to absolute maximum rating conditions for an
extended
period may affect device reliability.
+5V
From Output
Under Test
150 pF
9.1 K
Ω
2.1 K
Ω
ABSOLUTE MAXIMUM RATINGS
Test Load Diagram
CAPACITANCE
T
A = 25°C, VCC = GND = 0V, f = 1.0 MHz, unmeasured pins to GND
Parameter
Max
Input capacitance
12 pF
Output capacitance
12 pF
I/O capacitance
12 pF
PLEASE NOTE
These devices will not operate in extended timing mode. Set Register 248, D5 = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com