Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTS12100MFS Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTS12100MFS
Description  Very Low Forward Voltage Trench-based Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTS12100MFS Datasheet(HTML) 1 Page - ON Semiconductor

  NTS12100MFS Datasheet HTML 1Page - ON Semiconductor NTS12100MFS Datasheet HTML 2Page - ON Semiconductor NTS12100MFS Datasheet HTML 3Page - ON Semiconductor NTS12100MFS Datasheet HTML 4Page - ON Semiconductor NTS12100MFS Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2014
April, 2014 − Rev. 2
1
Publication Order Number:
NTS12100MFS/D
NTS12100MFS,
NRVTS12100MFS
Very Low Forward Voltage
Trench-based Schottky
Rectifier
Features
• Fine Lithography Trench−based Schottky Technology for Very Low
Forward Voltage and Low Leakage
• Fast Switching with Exceptional Temperature Stability
• Low Power Loss and Lower Operating Temperature
• Higher Efficiency for Achieving Regulatory Compliance
• Low Thermal Resistance
• High Surge Capability
• NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These are Pb−Free and Halide−Free Devices
Typical Applications
• Switching Power Supplies including Notebook / Netbook Adapters,
ATX and Flat Panel Display
• High Frequency and DC−DC Converters
• Freewheeling and OR−ing diodes
• Reverse Battery Protection
• Instrumentation
Mechanical Characteristics:
• Case: Epoxy, Molded
• Epoxy Meets Flammability Rating UL 94−0 @ 0.125 in.
• Lead Finish: 100% Matte Sn (Tin)
• Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
• Device Meets MSL 1 Requirements
TRENCH SCHOTTKY
RECTIFIERS
12 AMPERES
100 VOLTS
http://onsemi.com
1,2,3
5,6
SO−8 FLAT LEAD
CASE 488AA
STYLE 2
TH1210
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
MARKING
DIAGRAM
TH1210
AYWWZZ
A
A
A
Not Used
C
C
1
Device
Package
Shipping†
ORDERING INFORMATION
NTS12100MFST1G
NRVTS12100MFST1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NTS12100MFST3G
NRVTS12100MFST3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel


Similar Part No. - NTS12100MFS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTS12100EMFS ONSEMI-NTS12100EMFS Datasheet
69Kb / 5P
Very Low Leakage Trench-based Schottky Rectifier
September, 2014 ??Rev. 2
NTS12100EMFST1G ONSEMI-NTS12100EMFST1G Datasheet
69Kb / 5P
Very Low Leakage Trench-based Schottky Rectifier
September, 2014 ??Rev. 2
NTS12100EMFST3G ONSEMI-NTS12100EMFST3G Datasheet
69Kb / 5P
Very Low Leakage Trench-based Schottky Rectifier
September, 2014 ??Rev. 2
More results

Similar Description - NTS12100MFS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTST30100SG ONSEMI-NTST30100SG Datasheet
128Kb / 5P
Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2010 ??Rev. 0
NTSJ30U80CTG ONSEMI-NTSJ30U80CTG Datasheet
128Kb / 5P
Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTSJ3080CTG ONSEMI-NTSJ3080CTG Datasheet
128Kb / 5P
Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTSV30100SG ONSEMI-NTSV30100SG Datasheet
103Kb / 5P
Very Low Forward Voltage Trench-based Schottky Rectifier
June, 2012 ??Rev. 0
NTS245ESF ONSEMI-NTS245ESF Datasheet
112Kb / 5P
Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2014 ??Rev. P0
NTS245SF ONSEMI-NTS245SF Datasheet
64Kb / 5P
Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 0
NTS10100MFS ONSEMI-NTS10100MFS Datasheet
66Kb / 5P
Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 0
NTSV30120CT ONSEMI-NTSV30120CT Datasheet
86Kb / 5P
Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 1
NRTST40H100CT ONSEMI-NRTST40H100CT Datasheet
60Kb / 5P
Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2016 ??Rev. 0
NRVTS2H60ESF ONSEMI-NRVTS2H60ESF Datasheet
192Kb / 7P
Schottky Rectifier, Trench-based, Very Low Forward Voltage
August, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com