Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z90130 Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z90130
Description  40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z90130 Datasheet(HTML) 4 Page - Zilog, Inc.

  Z90130 Datasheet HTML 1Page - Zilog, Inc. Z90130 Datasheet HTML 2Page - Zilog, Inc. Z90130 Datasheet HTML 3Page - Zilog, Inc. Z90130 Datasheet HTML 4Page - Zilog, Inc. Z90130 Datasheet HTML 5Page - Zilog, Inc. Z90130 Datasheet HTML 6Page - Zilog, Inc. Z90130 Datasheet HTML 7Page - Zilog, Inc. Z90130 Datasheet HTML 8Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Z90110/120/130
CP95TEL1300
P R E L I M I N A R Y
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This
is a stress rating only; operation of the device at any
condition above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods
may affect device reliability.
Symbol
Parameters
Min
Max
Units
Notes
V
CC
Power Supply Voltage*
–0.3
+ 7
V
V
I
Input Voltage
–0.3
V
CC +0.3
V
V
I
Input Voltage
–0.3
V
CC +0.3
V
[1]
V
O
Output Voltage
–0.3
V
CC +8.0
V
[2,3]
I
OH
Output Current High
–10
mA
1 pin
I
OH
Output Current High
–100
mA
All total
I
OL
Output Current Low
2 0
mA
1 pin
I
OL
Output Current Low
200
mA
All total
T
A
Operating Temperature
†
T
STG
Storage Temperature
–65
+150
C
Notes:
[1]
Port 2 open-drain
[2]
PWM open-drain outputs
[3]
PWM breakdown is 13.2V (normal operation). Will withstand
16V max. (non-momentary operating).
* Voltage on all pins with respect to GND.
†
See Ordering Information
From Output
Under Test
RLL
VDD
RLH
150 pF
Test Load Diagram
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to GND.
Positive current flows into the referenced pin (Test Load
Diagram).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com