Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C9533VSC Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z86C9533VSC
Description  CMOS Z8 DIGITAL SIGNAL PROCESSOR (DSP)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C9533VSC Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z86C9533VSC Datasheet HTML 9Page - Zilog, Inc. Z86C9533VSC Datasheet HTML 10Page - Zilog, Inc. Z86C9533VSC Datasheet HTML 11Page - Zilog, Inc. Z86C9533VSC Datasheet HTML 12Page - Zilog, Inc. Z86C9533VSC Datasheet HTML 13Page - Zilog, Inc. Z86C9533VSC Datasheet HTML 14Page - Zilog, Inc. Z86C9533VSC Datasheet HTML 15Page - Zilog, Inc. Z86C9533VSC Datasheet HTML 16Page - Zilog, Inc. Z86C9533VSC Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
Z86C95 DSP
CPS DC-4067-13
Clock
1
3
4
8
2
2
3
T IN
IRQ N
6
5
7
7
9
AC CHARACTERISTICS
Additional Timing Table
T
A = 0°C to +70°C
40 MHz
24 MHz
33 MHz
No
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Units
Notes
1
TpC
Input Clock Period
25
1000
42
1000
30
1000
ns
[1]
2
TrC,TfC
Clock Imput Rise & Fall Times
5
10
5
ns
[1]
3
TwC
Input Clock Width
8
11
10
ns
[1]
4
TwTinL
Timer Input Low Width
75
75
75
ns
[2]
5
TwTinH
Timer Input High Width
3 TpC
3 TpC
3 TpC
[2]
6
TpTin
Timer Input Period
8 TpC
8 TpC
8 TpC
[2]
7
TrTin,TfTin
Timer Input Rise & Fall Times
100
100
100
ns
[2]
8a
TwIL
Interrupt Request Input Low Times
70
70
70
ns
[2,4]
8b
TwIL
Interrupt Request Input Low Times
5 TpC
5 TpC
5 TpC
[2,5]
9
TwIH
Interrupt Request Input High Times
3 TpC
3 TpC
3 TpC
[2,3]
Additional Timing
Notes:
[1] Clock timing references use 3.8V for a logic 1 and 0.8V for a logic 0.
[2] Timing references use 2.0V for a logic 1 and 0.8V for a logic 0.
[3] Interrupt references request via Port 3.
[4] Interrupt request via Port 3 (P33-P31).
[5] Interrupt request via Port 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com