Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM-HM76 Datasheet(PDF) 1 Page - AAEON Technology

Part # COM-HM76
Description  gigabit ethernet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-HM76 Datasheet(HTML) 1 Page - AAEON Technology

  COM-HM76 Datasheet HTML 1Page - AAEON Technology COM-HM76 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
06-5
www.aaeon.com
06
DDR3L SODIMM
Socket G2 for 2nd & 3rd Generation Intel® Core™ i7/ i5/
i3/Celeron® Processor
Intel® HM76 PCH
Intel® 82579LM Gigabit Ethernet
Features
Specifications
COM-HM76
■
■
Socket G2 for Intel® 2nd & 3rd Generation Core™ i7/i5/i3/
Pentium®/Celeron® Processor
■
■
Intel® HM76 PCH
■
■
Single Channel SODIMM DDR3L 1333/1600 Memory, Max. 8 GB
■
■
Gigabit Ethernet
■
■
CRT, 18/24-bit Dual-channel LVDS, DDI x 2
■
■
SATA x 4, USB3.0 x 4, USB2.0 x 8
■
■
PCI-Express [x16] x 1, PCI-Express [x1] x 7
■
■
COM Express Basic Module, Pin-out Type 6, COM.0 Rev. 2.1
COM Express CPU Type 6 Module, Socket G2 for Intel® 2nd & 3rd Generation Core™ i7/i5/i3/Pentium®/
Celeron® Processor, HM76, DDR3L, GbE, Rev. C1.0
• M2.5 Screw x 4
• Product CD
• COM-HM76
• ECB-920A-A10
COMe Type 1/6/10 Carrier Board, ATX, GbE, 8USB, 2COM, 4SATA. PCIe, AT/ATX, Legacy Free, Rev. A1.0
• PER-A129
Heat Spreader, For COM-HM76, Onboard CPU
• PER-A115
CPU Cooler, 45W, for COM Express Basic Size.To be used with heat spreader
Packing List
Optional Accessories
System
Form Factor
COM Express Basic module, Pin-out Type 6, COM. 0 Rev. 2.1
Processor
Socket G2 for Intel® 2nd & 3rd generation Core™ i7/i5/i3/Pentium®/Celeron®
processor
System Memory
Single Channel SODIMM DDR3L 1333/1600 Memory, Max. 8 GB
Chipset
Intel® HM76
I/O Chipset
Intel® HM76
Ethernet
Intel® 82579LM for 10/1000/1000Base-TX
TPM
—
BIOS
AMI BIOS
Wake On LAN
Yes
Watchdog Timer
ITE8518E-L, 255 levels
H/W Status Monitoring
Supports CPU Temperature Monitoring.
Expansion Interface
PCI-Express [x16] x 1, PCI-Express [x1] x 7, LPC bus x 1, SMBUS x 1
UART x 2 (Tx/Rx only)
Power Requirement
Normal: +12V
Power Consumption
(Typical)
Intel®i7-3610QE CPU @2.3 GHz , DDR3L 8 GB
2.73A@+12V, 1.18A@+5V, 0.31A@3.3V (w/ ECB-920A)
Board Size
4.92” x 3.75” (125mm x 95mm)
Gross Weight
0.66 lb (0.3 kg)
Operation Temperature
32 °F ~ 140 °F (0 °C ~ 60 °C)
Storage Temperature
-40 °F ~ 176 °F (-40 °C ~ 80 °C)
Operation Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
150,000
Display
LVDS, VGA, DDI x 2
Chipset
Intel® HM76 PCH
Memory
Shared system memory up to 512 MB
Resolution
Up to 2560 x 2048 for CRT (two display), 2048 x 1536 for three displays
Up to 1920 x 1200 (UXGA) for LCD/HDMI
Up to 2560 x 1600 for DP
Up to 2548 x 1536 for DVI
LCD Interface
18/24-bit dual channel LVDS
I/O
Storage
SATA x 4
Serial Port
Tx/Rx x 2 (Tx/Rx Only)
USB
USB2.0 x 8 (USB3.0 x 4)
Audio
High definition audio
GPIO
Up to 4 in and 4 out


Similar Part No. - COM-HM76

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-08033 SPARKFUN-COM-08033 Datasheet
220Kb / 2P
Button Pad 4x4 ??Breakout PCB
8????7
COM-08643 SPARKFUN-COM-08643 Datasheet
116Kb / 2P
Magnet Square ??0.25"||"8????7
COM-08644 SPARKFUN-COM-08644 Datasheet
119Kb / 2P
Magnet Square ??0.125"||"8????7
COM-08890 SPARKFUN-COM-08890 Datasheet
78Kb / 1P
Magnet Disk - 0.709"||"8????7
COM-08914 SPARKFUN-COM-08914 Datasheet
107Kb / 2P
Magnet Ring - 3/16"||"8????7
More results

Similar Description - COM-HM76

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
gigabit ethernet
COM-QM87 AAEON-COM-QM87 Datasheet
320Kb / 2P
gigabit ethernet
GENE-A55E AAEON-GENE-A55E Datasheet
274Kb / 2P
gigabit ethernet
GENE-BSW5 AAEON-GENE-BSW5 Datasheet
279Kb / 2P
gigabit ethernet
GENE-BT05 AAEON-GENE-BT05 Datasheet
318Kb / 2P
gigabit ethernet
NANOCOM-BT AAEON-NANOCOM-BT Datasheet
275Kb / 2P
gigabit ethernet
EMB-B75A AAEON-EMB-B75A Datasheet
354Kb / 2P
gigabit ethernet
EMB-QM77 AAEON-EMB-QM77 Datasheet
339Kb / 2P
gigabit ethernet
FWS-7400 AAEON-FWS-7400 Datasheet
248Kb / 2P
gigabit ethernet
AEC-6612 AAEON-AEC-6612 Datasheet
252Kb / 2P
gigabit ethernet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com