Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C7216VSC Datasheet(PDF) 25 Page - Zilog, Inc.

Part # Z86C7216VSC
Description  IR MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C7216VSC Datasheet(HTML) 25 Page - Zilog, Inc.

Back Button Z86C7216VSC Datasheet HTML 21Page - Zilog, Inc. Z86C7216VSC Datasheet HTML 22Page - Zilog, Inc. Z86C7216VSC Datasheet HTML 23Page - Zilog, Inc. Z86C7216VSC Datasheet HTML 24Page - Zilog, Inc. Z86C7216VSC Datasheet HTML 25Page - Zilog, Inc. Z86C7216VSC Datasheet HTML 26Page - Zilog, Inc. Z86C7216VSC Datasheet HTML 27Page - Zilog, Inc. Z86C7216VSC Datasheet HTML 28Page - Zilog, Inc. Z86C7216VSC Datasheet HTML 29Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 71 page
background image
Z86C72/C92/L72/L92
Zilog
IR Microcontroller
DS97LVO0900
P R E L I M I N A R Y
6-25
1
Port 2 (P27-P20). Port 2 is an 8-bit, bidirectional, CMOS
compatible I/O port. These eight I/O lines can be indepen-
dently configured under software control as inputs or out-
puts. Port 2 is always available for I/O operation. A mask
option is available to connect eight 200 kOhms (
±50%)
pull-up resistors on this port. Bits programmed as outputs
are globally programmed as either push-pull or open-
drain. Port 2 may be placed under handshake control. In
this configuration, Port 3 lines, P31 and P36 are used as
the handshake controls lines /DAV2 and RDY2. The hand-
shake signal assignment for Port 3, lines P31 and P36 is
dictated by the direction (input or output) assigned to Bit 7,
Port 2 (Figure 13). The eight bits of Port 2 are configured
as inputs with open-drain outputs.
Port 2 also has an 8-bit input OR and an AND gate which
can be used to wake up the part (Figure 39). P20 can be
programmed to access the edge selection circuitry (Figure
22).
Figure 13. Port 2 Configuration
Open-Drain
OEN
Out
In
PAD
Port 2 (I/O)
Optional
Handshake Controls
/DAV2 and RDY2
(P31 and P36)
Z86LXX
MCU
VCC
200 k
Ω
Mask
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com