Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z87010 Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z87010
Description  Audio Encoder/Decoders
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87010 Datasheet(HTML) 7 Page - Zilog, Inc.

Back Button Z87010 Datasheet HTML 3Page - Zilog, Inc. Z87010 Datasheet HTML 4Page - Zilog, Inc. Z87010 Datasheet HTML 5Page - Zilog, Inc. Z87010 Datasheet HTML 6Page - Zilog, Inc. Z87010 Datasheet HTML 7Page - Zilog, Inc. Z87010 Datasheet HTML 8Page - Zilog, Inc. Z87010 Datasheet HTML 9Page - Zilog, Inc. Z87010 Datasheet HTML 10Page - Zilog, Inc. Z87010 Datasheet HTML 11Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Z87010/Z87L10
Zilog
Audio Encoder/Decoders
DS96WRL0601
P R E L I M I N A R Y
2-7
2
ABSOLUTE MAXIMUM RATING
Stresses greater than those listed under Absolute Maxi-
mum Ratings may cause permanent damage to the de-
vice. This is a stress rating only; operation of the device at
any condition above those indicated in the operational sec-
tions of these specifications is not implied. Exposure to ab-
solute maximum rating conditions for extended period may
affect device reliability.
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to ground.
Positive current flows into the referenced pin (Figure 4).
Standard test conditions are as follows:
3.0V
≤ V
DD ≤3.6V (Z87L10)
4.5V
≤ V
DD ≤5.5V (Z87010)
VSS = 0V
TA = -20° to +70°C
Symbol
Description
Min.
Max.
Units
VDD
Supply Voltage
-0.3
+7.0
V
TSTG
Storage Temp
-65
°C
+150
°CC
TA
Oper. Ambient
Temp
-25
°
+70
°
C
Note: *Voltage on all pins with respect to GND.
Figure 4. Test Load Diagram
Output
Under
Test
IoL
IoH
Threshold
Voltage
50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com