Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ABT374 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ABT374
Description  Octal D-Type Flip-Flop with TRI-STATE Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT374 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ABT374 Datasheet HTML 1Page - National Semiconductor (TI) 54ABT374 Datasheet HTML 2Page - National Semiconductor (TI) 54ABT374 Datasheet HTML 3Page - National Semiconductor (TI) 54ABT374 Datasheet HTML 4Page - National Semiconductor (TI) 54ABT374 Datasheet HTML 5Page - National Semiconductor (TI) 54ABT374 Datasheet HTML 6Page - National Semiconductor (TI) 54ABT374 Datasheet HTML 7Page - National Semiconductor (TI) 54ABT374 Datasheet HTML 8Page - National Semiconductor (TI) 54ABT374 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
54ABT374
Octal D-Type Flip-Flop with TRI-STATE® Outputs
General Description
The ’ABT374 is an octal D-type flip-flop featuring separate
D-type inputs for each flip-flop and TRI-STATE outputs for
bus-oriented applications. A buffered Clock (CP) and Output
Enable (OE) are common to all flip-flops.
Features
n Edge-triggered D-type inputs
n Buffered positive edge-triggered clock
n TRI-STATE outputs for bus-oriented applications
n Output sink capability of 48 mA, source capability of
24 mA
n Guaranteed multiple output switching specifications
n Output switching specified for both 50 pF and 250 pF
loads
n Guaranteed simultaneous switching, noise level and
dynamic threshold performance
n Guaranteed latchup protection
n High impedance glitch free bus loading during entire
power up and power down cycle
n Non-destructive hot insertion capability
n Standard Microcircuit Drawing (SMD) 5962-9314901
Ordering Code
Military
Package
Package Description
Number
54ABT374J/883
J20A
20-Lead Ceramic Dual-In-Line
54ABT374W/883
W20A
20-Lead Cerpack
54ABT374E/883
E20A
20-Lead Ceramic Leadless Chip Carrier, Type C
Connection Diagrams
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Pin Assignment for DIP
and Flatpak
DS100207-1
Pin Assignment
for LCC
DS100207-2
July 1998
© 1998 National Semiconductor Corporation
DS100207
www.national.com


Similar Part No. - 54ABT374

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT373 NSC-54ABT373 Datasheet
357Kb / 14P
Octal Transparent Latch with TRI-STATE Outputs
54ABT373 NSC-54ABT373 Datasheet
333Kb / 16P
Octal Transparent Latch with TRI-STATE Outputs
54ABT373CDCQB NSC-54ABT373CDCQB Datasheet
333Kb / 16P
Octal Transparent Latch with TRI-STATE Outputs
54ABT373CDCX NSC-54ABT373CDCX Datasheet
333Kb / 16P
Octal Transparent Latch with TRI-STATE Outputs
54ABT373CDMQB NSC-54ABT373CDMQB Datasheet
333Kb / 16P
Octal Transparent Latch with TRI-STATE Outputs
More results

Similar Description - 54ABT374

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT574 NSC-54ABT574 Datasheet
323Kb / 10P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54AC574 NSC-54AC574 Datasheet
166Kb / 10P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54ACT564 NSC-54ACT564 Datasheet
131Kb / 8P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54F374DM NSC-54F374DM Datasheet
175Kb / 8P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54F534DM NSC-54F534DM Datasheet
170Kb / 8P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54F574DM NSC-54F574DM Datasheet
169Kb / 8P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT374 NSC-54FCT374 Datasheet
147Kb / 7P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574 NSC-54FCT574 Datasheet
145Kb / 7P
Octal D-Type Flip-Flop with TRI-STATE Outputs
DM74LS564 NSC-DM74LS564 Datasheet
109Kb / 4P
Octal D-Type Flip-Flop with TRI-STATE Outputs
74ACT534 NSC-74ACT534 Datasheet
165Kb / 8P
Octal D Flip-Flop with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com