Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z89307 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z89307
Description  DIGITAL TELEVISION CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89307 Datasheet(HTML) 2 Page - Zilog, Inc.

  Z89307 Datasheet HTML 1Page - Zilog, Inc. Z89307 Datasheet HTML 2Page - Zilog, Inc. Z89307 Datasheet HTML 3Page - Zilog, Inc. Z89307 Datasheet HTML 4Page - Zilog, Inc. Z89307 Datasheet HTML 5Page - Zilog, Inc. Z89307 Datasheet HTML 6Page - Zilog, Inc. Z89307 Datasheet HTML 7Page - Zilog, Inc. Z89307 Datasheet HTML 8Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PRELIMINARY
Z89303/05/07
CPS DC-4222-03
GENERAL DESCRIPTION (Continued)
Functional Block Diagram
Capture
IRIN
ADC
ADC0
ADC1
ADC2
ADC3
ADC4
ADC5
Port 0
Port 00
Port 01
Port 02
Port 03
Port 04
Port 05
Port 06
Port 07
Port 08
Port 09
Port 0A
Port 0B
Port 0C
Port 0D
Port 0E
Port 0F
Control
XTAL1
XTAL2
LPF
HSYNC
VSYNC
/Reset
CPU
RAM
640 x 16
ROM
12K x 16
16K x 16
24K x 16
OSD
V1
V2
V3
BLANK
HALFBLNK
PWM
PWM1
PWM2
PWM3
PWM4
PWM5
PWM6
PWM7
PWM8
PWM9
Port1
Port 10
Port 11
Port 12
Port 13
Port 14
Port 15
Port 16
Port 17
Port 18
Port 19
Port 17
Port 00
Register Addr/Data
Address
Data
ROM Data
ROM Addr
Note: Z89307
has 12K words of ROM.
Z89305 has 16K words.
Z89302/03 has 24K words.
Note: Shaded pin functions
not available on 40-pin device.
Port0F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com