Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2255 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # F2255
Description  Voltage Variable RF Attenuator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2255 Datasheet(HTML) 1 Page - Integrated Device Technology

  F2255 Datasheet HTML 1Page - Integrated Device Technology F2255 Datasheet HTML 2Page - Integrated Device Technology F2255 Datasheet HTML 3Page - Integrated Device Technology F2255 Datasheet HTML 4Page - Integrated Device Technology F2255 Datasheet HTML 5Page - Integrated Device Technology F2255 Datasheet HTML 6Page - Integrated Device Technology F2255 Datasheet HTML 7Page - Integrated Device Technology F2255 Datasheet HTML 8Page - Integrated Device Technology F2255 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Voltage Variable RF Attenuator
1MHz to 3000MHz
Voltage Variable RF Attenuator
1
REV O, July 2015
IDTF2255NLGK
Datasheet
GENERAL DESCRIPTION
The IDTF2255 is a low insertion loss Voltage Variable
RF Attenuator (VVA) designed for a multitude of
wireless and other RF applications. This device covers
a broad frequency range from 1MHz to 3000MHz. In
addition to providing low insertion loss, the IDTF2255
provides excellent linearity performance over its entire
voltage control and attenuation range.
The F2255 uses a single positive supply voltage of
3.15V to 5.25V. Other features include the VMODE pin
allowing either positive or negative voltage control
slope vs attenuation and multi-directional operation
meaning the RF input can be applied to either RF1 or
RF2 pins. Control voltage ranges from 0V to 3.6V
using either positive or negative control voltage slope.
COMPETITIVE ADVANTAGE
IDTF2255 provides extremely low insertion loss and
superb IP3, IP2, Return Loss and Slope Linearity across
the control range. Comparing to competitive VVAs this
device is better as follows:
Operation down to 1MHz
Insertion Loss @ 500MHz: 1.1dB
Maximum Attenuation Slope: 33dB/Volt
Minimum Output IP3: 35dBm
Minimum Input IP2: 74dBm
High Operating Temperature: +105°C
APPLICATIONS
•
Base Station 2G, 3G, 4G,
•
Portable Wireless
•
Repeaters and E911 systems
•
Digital Pre-Distortion
•
Point to Point Infrastructure
•
Public Safety Infrastructure
•
Satellite Receivers and Modems
•
WIMAX Receivers and Transmitters
•
Military Radios covering HF, VHF, UHF
•
RFID handheld and portable readers
•
Cable Infrastructure
•
Wireless LAN
•
Test / ATE Equipment
FEATURES
•
Low Insertion Loss: 1.1dB @ 500MHz
•
Typical / Min IIP3: 60dBm / 46dBm
•
Typical / Min IIP2: 98dBm / 74dBm
•
33dB Attenuation Range
•
Bi-directional RF ports
•
+36dBm Input P1dB compression
•
VMODE pin allows either positive or negative
control response
•
Linear-in-dB attenuation characteristic
•
Supply voltage: 3.15V to 5.25V
•
VCTRL range: 0V to 3.6V using 5V supply
•
+105°C max operating temperature
•
3x3, 16-pin QFN package
DEVICE BLOCK DIAGRAM
ORDERING INFORMATION
PART# MATRIX
Part#
RF Freq Range
(MHz)
Insertion Loss
(dB)
IIP3
(dBm)
Pinout
Compatibility
F2250
50 - 6000
1.4 (at 2GHz)
+65
RFMD
F2255
1 - 3000
1.1 (at 500MHz)
+60
F2258
50 - 6000
1.4 (at 2GHz)
+65
Hittite
IDTF2255NLGK8
0.9 mm height
package
Green
Tape &
Reel
Omit IDT
prefix
RF product Line


Similar Part No. - F2255

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2255 IDT-F2255 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2255 IDT-F2255 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
logo
Renesas Technology Corp
F2255 RENESAS-F2255 Datasheet
2Mb / 27P
Voltage Variable RF Attenuator 1MHz to 3000MHz
May 7, 2021
logo
Integrated Device Techn...
F2255NLGI IDT-F2255NLGI Datasheet
94Kb / 3P
PRODUCT/PROCESS CHANGE NOTICE (PCN)
F2255NLGI8 IDT-F2255NLGI8 Datasheet
94Kb / 3P
PRODUCT/PROCESS CHANGE NOTICE (PCN)
More results

Similar Description - F2255

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF2258NLGK IDT-IDTF2258NLGK Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2250NLGK IDT-F2250NLGK Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2250 IDT-F2250 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2258 IDT-F2258 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
logo
Mini-Circuits
EVA-1500 MINI-EVA-1500 Datasheet
402Kb / 3P
Voltage Variable Attenuator
MVA-2000 MINI-MVA-2000 Datasheet
442Kb / 3P
Voltage Variable Attenuator
logo
Integrated Device Techn...
IDTF2255NLGK IDT-IDTF2255NLGK_18 Datasheet
2Mb / 26P
Voltage Variable RF Attenuator
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
Voltage Variable RF Attenuator 50MHz to 6000MHz
IDTF2258NLGK RENESAS-IDTF2258NLGK Datasheet
2Mb / 25P
Voltage Variable RF Attenuator
F2255 RENESAS-F2255 Datasheet
2Mb / 27P
Voltage Variable RF Attenuator 1MHz to 3000MHz
May 7, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com