Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVJS4151P Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVJS4151P
Description  Single P?묬hannel Trench Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVJS4151P Datasheet(HTML) 1 Page - ON Semiconductor

  NVJS4151P Datasheet HTML 1Page - ON Semiconductor NVJS4151P Datasheet HTML 2Page - ON Semiconductor NVJS4151P Datasheet HTML 3Page - ON Semiconductor NVJS4151P Datasheet HTML 4Page - ON Semiconductor NVJS4151P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 1
1
Publication Order Number:
NVJS4151P/D
NVJS4151P
Trench Power MOSFET
−20 V, −4.1 A, Single P−Channel, SC−88
Features
Leading Trench Technology for Low RDS(ON) Extending Battery Life
SC−88 Small Outline (2x2 mm) for Maximum Circuit Board
Utilization, Same as SC−70−6
Gate Diodes for ESD Protection
AEC−Q101 Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
High Side Load Switch
Cell Phones, Computing, Digital Cameras, MP3s and PDAs
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−20
V
Gate−to−Source Voltage
VGS
±12
V
Continuous Drain
Current (Note 1)
Steady
State
TA = 25 °C
ID
−3.2
A
TA = 85 °C
−2.3
t ≤ 5 s
TA = 25 °C
−4.1
Power Dissipation
(Note 1)
Steady
State
TA = 25 °C
PD
1.2
W
Pulsed Drain Current
tp = 10 ms
IDM
−13
A
Operating Junction and Storage Temperature
TJ,
TSTG
−55 to
150
°C
Source Current (Body Diode)
IS
−0.8
A
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
ESD
Human Body Model (HBM)
ESD
4000
V
THERMAL RESISTANCE RATINGS (Note 1)
Parameter
Symbol
Max
Unit
Junction−to−Ambient – Steady State
RqJA
125
°C/W
Junction−to−Ambient − t ≤ 5 s
RqJA
75
Junction−to−Lead – Steady State
RqJL
45
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Surface mounted on FR4 board using 1 in sq pad size
(Cu area = 1.127 in sq [1 oz] including traces).
Device
Package
Shipping
ORDERING INFORMATION
Top View
http://onsemi.com
SC−88 (SOT−363)
D
D
S
D
D
6
5
4
1
2
3
V(BR)DSS
RDS(on) Typ
ID Max
55 mW @ −4.5 V
70 mW @ −2.5 V
180 mW @ −1.8 V
−4.1 A
NVJS4151PT1G
SC−88
(Pb−Free)
3000 / Tape & Reel
G
−20 V
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SC−88/SOT−363
CASE 419B
MARKING DIAGRAM &
PIN ASSIGNMENT
VTY M G
G
1
6
1
VTY
= Device Code
M
= Date Code
G
= Pb−Free Package
DD
S
DD
G
(Note: Microdot may be in either location)


Similar Part No. - NVJS4151P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVJS4405N ONSEMI-NVJS4405N Datasheet
135Kb / 5P
Small Signal MOSFET
October, 2011 ??Rev. 6
NVJS4405NT1G ONSEMI-NVJS4405NT1G Datasheet
135Kb / 5P
Small Signal MOSFET
October, 2011 ??Rev. 6
More results

Similar Description - NVJS4151P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJS4151P ONSEMI-NTJS4151P Datasheet
143Kb / 5P
Trench Power MOSFET ??0 V, ??.2 A, Single P?묬hannel, SC??8
February, 2006 ??Rev. 1
NTR4101P ONSEMI-NTR4101P_10 Datasheet
125Kb / 5P
Trench Power MOSFET ??0 V, Single P?묬hannel, SOT??3
June, 2010 ??Rev. 5
MMSF3P03HD ONSEMI-MMSF3P03HD Datasheet
273Kb / 12P
P?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTSF1P02HD ONSEMI-MTSF1P02HD Datasheet
287Kb / 12P
P?묬hannel Power MOSFET
February, 2005 ??Rev. XXX
MTSF2P02HD ONSEMI-MTSF2P02HD Datasheet
284Kb / 12P
P?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTB23P06V ONSEMI-MTB23P06V Datasheet
263Kb / 10P
P?묬hannel Power MOSFET
August, 2006 ??Rev. 3
MTP5P06V ONSEMI-MTP5P06V Datasheet
207Kb / 7P
P?묬hannel Power MOSFET
August, 2006 ??Rev. 3
MTP6P20E ONSEMI-MTP6P20E Datasheet
208Kb / 7P
P?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTP30P06V ONSEMI-MTP30P06V Datasheet
210Kb / 7P
P?묬hannel Power MOSFET
August, 2006 ??Rev. 6
NTLJS3A18PZ ONSEMI-NTLJS3A18PZ Datasheet
134Kb / 6P
Single P?묬hannel Power MOSFET
November, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com