Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV321M5 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMV321M5
Description  Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV321M5 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMV321M5 Datasheet HTML 17Page - Texas Instruments LMV321M5 Datasheet HTML 18Page - Texas Instruments LMV321M5 Datasheet HTML 19Page - Texas Instruments LMV321M5 Datasheet HTML 20Page - Texas Instruments LMV321M5 Datasheet HTML 21Page - Texas Instruments LMV321M5 Datasheet HTML 22Page - Texas Instruments LMV321M5 Datasheet HTML 23Page - Texas Instruments LMV321M5 Datasheet HTML 24Page - Texas Instruments LMV321M5 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N
LMV358-N-Q1, LMV324-N, LMV324-N-Q1
www.ti.com
SNOS012J – AUGUST 2000 – REVISED DECEMBER 2014
Typical Applications (continued)
9.2.1.3 Application Curves
Figure 55. Frequency Response of Simple Low-Pass Active Filter
Note that the single-op-amp active filters are used in the applications that require low quality factor, Q(
≤ 10), low
frequency (
≤ 5 kHz), and low gain (≤ 10), or a small value for the product of gain times Q (≤ 100). The op amp
should have an open loop voltage gain at the highest frequency of interest at least 50 times larger than the gain
of the filter at this frequency. In addition, the selected op amp should have a slew rate that meets the following
requirement:
Slew Rate
≥ 0.5 × (ω HVOPP) × 10
−6 V/µsec
(1)
where
ωH is the highest frequency of interest, and VOPP is the output peak-to-peak voltage.
9.2.2 Difference Amplifier
The difference amplifier allows the subtraction of two voltages or, as a special case, the cancellation of a signal
common to two inputs. It is useful as a computational amplifier, in making a differential to single-ended
conversion or in rejecting a common mode signal.
Figure 56. Difference Amplifier
9.2.3 Instrumentation Circuits
The input impedance of the previous difference amplifier is set by the resistors R1, R2, R3, and R4. To eliminate
the problems of low input impedance, one way is to use a voltage follower ahead of each input as shown in the
following two instrumentation amplifiers.
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com