Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM124J/PB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM124J/PB
Description  Low-Power, Quad-Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM124J/PB Datasheet(HTML) 3 Page - Texas Instruments

  LM124J/PB Datasheet HTML 1Page - Texas Instruments LM124J/PB Datasheet HTML 2Page - Texas Instruments LM124J/PB Datasheet HTML 3Page - Texas Instruments LM124J/PB Datasheet HTML 4Page - Texas Instruments LM124J/PB Datasheet HTML 5Page - Texas Instruments LM124J/PB Datasheet HTML 6Page - Texas Instruments LM124J/PB Datasheet HTML 7Page - Texas Instruments LM124J/PB Datasheet HTML 8Page - Texas Instruments LM124J/PB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LM124-N, LM224-N
LM2902-N, LM324-N
www.ti.com
SNOSC16D – MARCH 2000 – REVISED JANUARY 2015
5 Pin Configuration and Functions
J Package
14-Pin CDIP
Top View
D Package
14-Pin SOIC
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
OUTPUT1
1
O
Output, Channel 1
INPUT1-
2
I
Inverting Input, Channel 1
INPUT1+
3
I
Noninverting Input, Channel 1
V+
4
P
Positive Supply Voltage
INPUT2+
5
I
Nonnverting Input, Channel 2
INPUT2-
6
I
Inverting Input, Channel 2
OUTPUT2
7
O
Output, Channel 2
OUTPUT3
8
O
Output, Channel 3
INPUT3-
9
I
Inverting Input, Channel 3
INPUT3+
10
I
Noninverting Input, Channel 3
GND
11
P
Ground or Negative Supply Voltage
INPUT4+
12
I
Noninverting Input, Channel 4
INPUT4-
13
I
Inverting Input, Channel 4
OUTPUT4
14
O
Output, Channel 4
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM124-N LM224-N LM2902-N LM324-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com