Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV321IDBVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMV321IDBVT
Description  Low-Voltage Rail-to-Rail Output Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV321IDBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMV321IDBVT Datasheet HTML 12Page - Texas Instruments LMV321IDBVT Datasheet HTML 13Page - Texas Instruments LMV321IDBVT Datasheet HTML 14Page - Texas Instruments LMV321IDBVT Datasheet HTML 15Page - Texas Instruments LMV321IDBVT Datasheet HTML 16Page - Texas Instruments LMV321IDBVT Datasheet HTML 17Page - Texas Instruments LMV321IDBVT Datasheet HTML 18Page - Texas Instruments LMV321IDBVT Datasheet HTML 19Page - Texas Instruments LMV321IDBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
VBIAS4
–
+
–
+
IN+
IN-
VBIAS1
VBIAS2
VBIAS3
–
+
–
+
Output
VCC
VCC
VCC
VCC
LMV358, LMV321, LMV324, LMV324S
SLOS263W – AUGUST 1999 – REVISED OCTOBER 2014
www.ti.com
8 Detailed Description
8.1 Overview
The LMV321, LMV358, LMV324, and LMV324S devices are single, dual, and quad low-voltage (2.7 V to 5.5 V)
operational amplifiers with rail-to-rail output swing. The LMV324S device, which is a variation of the standard
LMV324 device, includes a power-saving shutdown feature that reduces supply current when the amplifiers are
not needed. Channels 1 and 2 together are put in shutdown, as are channels 3 and 4. While in shutdown, the
outputs actively are pulled low.
The LMV321, LMV358, LMV324, and LMV324S devices are the most cost-effective solutions for applications
where low-voltage operation, space saving, and low cost are needed. These amplifiers are designed specifically
for low-voltage (2.7 V to 5 V) operation, with performance specifications meeting or exceeding the LM358 and
LM324 devices that operate from 5 V to 30 V. Additional features of the LMV3xx devices are a common-mode
input voltage range that includes ground, 1-MHz unity-gain bandwidth, and 1-V/
μs slew rate.
The LMV321 device is available in the ultra-small package, which is approximately one-half the size of the DBV
(SOT-23) package. This package saves space on printed circuit boards and enables the design of small portable
electronic devices. It also allows the designer to place the device closer to the signal source to reduce noise
pickup and increase signal integrity.
8.2 Functional Block Diagram
16
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LMV358 LMV321 LMV324 LMV324S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com