Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902M/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM2902M/NOPB
Description  Low-Power, Quad-Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2902M/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM2902M/NOPB Datasheet HTML 1Page - Texas Instruments LM2902M/NOPB Datasheet HTML 2Page - Texas Instruments LM2902M/NOPB Datasheet HTML 3Page - Texas Instruments LM2902M/NOPB Datasheet HTML 4Page - Texas Instruments LM2902M/NOPB Datasheet HTML 5Page - Texas Instruments LM2902M/NOPB Datasheet HTML 6Page - Texas Instruments LM2902M/NOPB Datasheet HTML 7Page - Texas Instruments LM2902M/NOPB Datasheet HTML 8Page - Texas Instruments LM2902M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LM124-N, LM224-N
LM2902-N, LM324-N
www.ti.com
SNOSC16D – MARCH 2000 – REVISED JANUARY 2015
6.4 Thermal Information
LM124-N /
LM324-N /
LM224-N
LM2902-N
THERMAL METRIC(1)
UNIT
J/CDIP
D/SOIC
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
88
88
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics: LM124A/224A/324A
V
+ = 5.0 V, (1), unless otherwise stated
LM124A
LM224A
LM324A
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
TA = 25°C
(2)
1
2
1
3
2
3
mV
IIN(+) or IIN(−), VCM = 0 V,
Input Bias Current(3)
20
50
40
80
45
100
nA
TA = 25°C
IIN(+) or IIN(−), VCM = 0 V,
Input Offset Current
2
10
2
15
5
30
nA
TA = 25°C
V+ = 30 V, (LM2902-N,
Input Common-Mode
0
0
0
V
V+
−1.5
V+
−1.5
V+
−1.5
Voltage Range(4)
V+ = 26 V), TA = 25°C
Over Full Temperature Range,
RL = ∞ On All Op Amps
1.5
3
1.5
3
1.5
3
Supply Current
mA
V+ = 30 V (LM2902-N V+ = 26 V)
0.7
1.2
0.7
1.2
0.7
1.2
V+ = 5 V
Large Signal
V+ = 15 V, RL≥ 2 kΩ,
50
100
50
100
25
100
V/mV
Voltage Gain
(VO = 1 V to 11 V), TA = 25°C
Common-Mode
DC, VCM = 0 V to V
+ − 1.5 V,
70
85
70
85
65
85
dB
Rejection Ratio
TA = 25°C
V+ = 5 V to 30 V, (LM2902-N,
Power Supply
65
100
65
100
65
100
dB
V+ = 5V to 26 V),
Rejection Ratio
TA = 25°C
Amplifier-to-Amplifier
f = 1 kHz to 20 kHz, TA = 25°C,
−120
−120
−120
dB
Coupling(5)
(Input Referred)
VIN
+ = 1 V, V
IN
− = 0 V,
Source
20
40
20
40
20
40
mA
V+ = 15 V, VO = 2 V, TA = 25°C
VIN
− = 1 V, V
IN
+ = 0 V,
Output
10
20
10
20
10
20
Current
V+ = 15 V, VO = 2 V, TA = 25°C
Sink
μA
VIN
− = 1 V, V
IN
+ = 0 V,
12
50
12
50
12
50
V+ = 15 V, VO = 200 mV, TA = 25°C
V+ = 15 V,
Short Circuit to Ground
40
60
40
60
40
60
mA
TA = 25°C
(6)
Input Offset Voltage
See(2)
4
4
5
mV
VOS Drift
RS = 0 Ω
7
20
7
20
7
30
μV/°C
Input Offset Current
IIN(+) − IIN(−), VCM = 0 V
30
30
75
nA
(1)
These specifications are limited to
−55°C ≤ TA ≤ +125°C for the LM124-N/LM124A. With the LM224-N/LM224A, all temperature
specifications are limited to
−25°C ≤ TA ≤ +85°C, the LM324-N/LM324A temperature specifications are limited to 0°C ≤ TA ≤ +70°C, and
the LM2902-N specifications are limited to
−40°C ≤ TA ≤ +85°C.
(2)
VO ≃ 1.4V, RS = 0 Ω with V
+ from 5 V to 30 V; and over the full input common-mode range (0 V to V+ − 1.5 V) for LM2902-N, V+ from 5
V to 26 V.
(3)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the input lines.
(4)
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3 V (at 25°C). The
upper end of the common-mode voltage range is V+
− 1.5 V (at 25°C), but either or both inputs can go to 32 V without damage (26 V for
LM2902-N), independent of the magnitude of V+.
(5)
Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external parts. This
typically can be detected as this type of capacitance increases at higher frequencies.
(6)
Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground,
the maximum output current is approximately 40 mA independent of the magnitude of V+. At values of supply voltage in excess of 15 V,
continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction. Destructive dissipation can result
from simultaneous shorts on all amplifiers.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM124-N LM224-N LM2902-N LM324-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com