Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902MT/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM2902MT/NOPB
Description  Low-Power, Quad-Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2902MT/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2902MT/NOPB Datasheet HTML 3Page - Texas Instruments LM2902MT/NOPB Datasheet HTML 4Page - Texas Instruments LM2902MT/NOPB Datasheet HTML 5Page - Texas Instruments LM2902MT/NOPB Datasheet HTML 6Page - Texas Instruments LM2902MT/NOPB Datasheet HTML 7Page - Texas Instruments LM2902MT/NOPB Datasheet HTML 8Page - Texas Instruments LM2902MT/NOPB Datasheet HTML 9Page - Texas Instruments LM2902MT/NOPB Datasheet HTML 10Page - Texas Instruments LM2902MT/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
LM124-N, LM224-N
LM2902-N, LM324-N
www.ti.com
SNOSC16D – MARCH 2000 – REVISED JANUARY 2015
Electrical Characteristics: LM124-N/224-N/324-N/2902-N (continued)
V
+ = +5.0V, (1), unless otherwise stated
LM124-N / LM224-N
LM324-N
LM2902-N
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VIN
+ = 1 V, V
IN
− = 0 V,
Source
20
40
20
40
20
40
mA
V+ = 15 V, VO = 2 V, TA = 25°C
Output
VIN
− = 1 V, V
IN
+ = 0 V,
10
20
10
20
10
20
mA
Current
V+ = 15 V, VO = 2 V, TA = 25°C
Sink
VIN
− = 1 V, V
IN
+ = 0 V,
12
50
12
50
12
50
µA
V+ = 15 V, VO = 200 mV, TA = 25°C
Short Circuit to Ground
40
60
40
60
40
60
mA
V+ = 15 V, TA = 25°C
(6)
Input Offset Voltage
See (2)
7
9
10
mV
VOS Drift
RS = 0 Ω
7
7
7
µV/°C
Input Offset Current
IIN(+) − IIN(−), VCM = 0 V
100
150
45
200
nA
IOS Drift
RS = 0 Ω
10
10
10
pA/°C
Input Bias Current
IIN(+) or IIN(−)
40
300
40
500
40
500
nA
Input Common-Mode Voltage
0
0
0
V
V+ = 30 V, (LM2902-N, V+ = 26 V)
V+
−2
V+
−2
V+
−2
Range(4)
V+ = 15 V (VOSwing = 1V to 11V),
Large Signal Voltage Gain
25
15
15
V/mV
RL ≥ 2 kΩ
RL = 2 kΩ
26
26
22
V+ = 30 V (LM2902-N,
Output
VOH
V
V+ = 26 V)
RL = 10 kΩ
27
28
27
28
23
24
Voltage
Swing
VOL
5
20
5
20
5
100
mV
V+ = 5 V, RL = 10 kΩ
VIN
+ = 1 V,
Source
VO = 2 V
10
20
10
20
10
20
mA
VIN
− = 0 V,
V+ = 15 V
Output
Current
VIN
− = 1 V,
Sink
5
8
5
8
5
8
mA
VIN
+ = 0 V,
V+ = 15 V
(6)
Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground,
the maximum output current is approximately 40 mA independent of the magnitude of V+. At values of supply voltage in excess of 15 V,
continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction. Destructive dissipation can result
from simultaneous shorts on all amplifiers.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM124-N LM224-N LM2902-N LM324-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com