Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358AM Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM358AM
Description  Low-Power, Dual-Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM358AM Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM358AM Datasheet HTML 12Page - Texas Instruments LM358AM Datasheet HTML 13Page - Texas Instruments LM358AM Datasheet HTML 14Page - Texas Instruments LM358AM Datasheet HTML 15Page - Texas Instruments LM358AM Datasheet HTML 16Page - Texas Instruments LM358AM Datasheet HTML 17Page - Texas Instruments LM358AM Datasheet HTML 18Page - Texas Instruments LM358AM Datasheet HTML 19Page - Texas Instruments LM358AM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
LM158-N, LM258-N, LM2904-N, LM358-N
SNOSBT3I – JANUARY 2000 – REVISED DECEMBER 2014
www.ti.com
Typical Applications (continued)
(V
+ = 5.0 V
DC)
fo = 1 kHz
Q = 50
Av = 100 (40 dB)
Figure 21. “BI-QUAD” RC Active Bandpass Filter
Figure 22. Lamp Driver
Figure 23. LED Driver
Figure 24. Driving TTL
16
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM158-N LM258-N LM2904-N LM358-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com