Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV712TLX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMV712TLX/NOPB
Description  Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV712TLX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMV712TLX/NOPB Datasheet HTML 1Page - Texas Instruments LMV712TLX/NOPB Datasheet HTML 2Page - Texas Instruments LMV712TLX/NOPB Datasheet HTML 3Page - Texas Instruments LMV712TLX/NOPB Datasheet HTML 4Page - Texas Instruments LMV712TLX/NOPB Datasheet HTML 5Page - Texas Instruments LMV712TLX/NOPB Datasheet HTML 6Page - Texas Instruments LMV712TLX/NOPB Datasheet HTML 7Page - Texas Instruments LMV712TLX/NOPB Datasheet HTML 8Page - Texas Instruments LMV712TLX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LMV712-N, LMV712-N-Q1
SNOS534I – FEBRUARY 2001 – REVISED JANUARY 2014
www.ti.com
Typical Application Circuit
Figure 1. P.A. Control Loop
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance (3)
Human Body Model
1.5kV
Machine Model
150V
Differential Input Voltage
±Supply Voltage
Voltage at Input/Output Pin
(V+) +0.4V to (V−)
−0.4V
Supply Voltage (V+ - V−)
6V
Output Short Circuit V+
(4)
Output Short Circuit V−
(4)
Current at Input Pin
±10mA
Current at Output Pin
±50mA
Storage Temp Range
−65°C to 150°C
Junction Temperature TJMAX
(5)
150°C
Soldering specification for WSON SnPb:
Infrared or Convection (20sec)
235°C
Soldering specification for all other packages:
see product folder at www.ti.com and
http://www.ti.com/lit/SNOA549
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office / Distributors for
availability and specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(4)
Shorting circuit output to either V+ or V− will adversely affect reliability.
(5)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
2
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links: LMV712-N LMV712-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com