Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87C52EBPN Datasheet(PDF) 49 Page - NXP Semiconductors

Part # 87C52EBPN
Description  CMOS single-chip 8-bit microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C52EBPN Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button 87C52EBPN Datasheet HTML 45Page - NXP Semiconductors 87C52EBPN Datasheet HTML 46Page - NXP Semiconductors 87C52EBPN Datasheet HTML 47Page - NXP Semiconductors 87C52EBPN Datasheet HTML 48Page - NXP Semiconductors 87C52EBPN Datasheet HTML 49Page - NXP Semiconductors 87C52EBPN Datasheet HTML 50Page - NXP Semiconductors 87C52EBPN Datasheet HTML 51Page - NXP Semiconductors 87C52EBPN Datasheet HTML 52Page - NXP Semiconductors 87C52EBPN Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
Philips Semiconductors
Product specification
80C52/80C54/80C58
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
19
DC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C or –40°C to +85°C, VCC = 5.0V ±10%; VSS = 0V
SYMBOL
PARAMETER
TEST
LIMITS
UNIT
SYMBOL
PARAMETER
TEST
CONDITIONS
MIN
TYP1
MAX
UNIT
VIL
Input low voltage
4.5V < VCC < 5.5V
–0.5
0.2VCC–0.1
V
VIH
Input high voltage (ports 0, 1, 2, 3, EA)
0.2VCC+0.9
VCC+0.5
V
VIH1
Input high voltage, XTAL1, RST
0.7VCC
VCC+0.5
V
VOL
Output low voltage, ports 1, 2, 38
VCC = 4.5V
IOL = 1.6mA2
0.4
V
VOL1
Output low voltage, port 0, ALE, PSEN8, 7
VCC = 4.5V
IOL = 3.2mA2
0.4
V
VOH
Output high voltage, ports 1, 2, 3 3
VCC = 4.5V
IOH = –30µA
VCC – 0.7
V
VOH1
Output high voltage (port 0 in external bus mode),
ALE9, PSEN3
VCC = 4.5V
IOH = –3.2mA
VCC – 0.7
V
IIL
Logical 0 input current, ports 1, 2, 3
VIN = 0.4V
–1
–50
µA
ITL
Logical 1-to-0 transition current, ports 1, 2, 36
VIN = 2.0V
See note 4
–650
µA
ILI
Input leakage current, port 0
0.45 < VIN < VCC – 0.3
±10
µA
ICC
Power supply current (see Figure 20):
Active mode @ 16MHz5
Idle mode @ 16MHz5
Power-down mode
See note 5
Tamb = 0 to +70°C
Tamb = –40 to +85°C
3
16
4
50
75
mA
mA
µA
µA
RRST
Internal reset pull-down resistor
40
225
k
Ω
CIO
Pin capacitance10 (except EA)
15
pF
NOTES:
1. Typical ratings are not guaranteed. The values listed are at room temperature, 5V.
2. Capacitive loading on ports 0 and 2 may cause spurious noise to be superimposed on the VOLs of ALE and ports 1 and 3. The noise is due
to external bus capacitance discharging into the port 0 and port 2 pins when these pins make 1-to-0 transitions during bus operations. In the
worst cases (capacitive loading > 100pF), the noise pulse on the ALE pin may exceed 0.8V. In such cases, it may be desirable to qualify
ALE with a Schmitt Trigger, or use an address latch with a Schmitt Trigger STROBE input. IOL can exceed these conditions provided that no
single output sinks more than 5mA and no more than two outputs exceed the test conditions.
3. Capacitive loading on ports 0 and 2 may cause the VOH on ALE and PSEN to momentarily fall below the (VCC–0.7) specification when the
address bits are stabilizing.
4. Pins of ports 1, 2 and 3 source a transition current when they are being externally driven from 1 to 0. The transition current reaches its
maximum value when VIN is approximately 2V.
5. See Figures 21 through 24 for ICC test conditions.
Active Mode:
ICC = 0.9 × FREQ + 1.1;
Idle Mode:
ICC = 0.18 × FREQ +1.0; See Figure 20.
6. This value applies to Tamb = 0°C to +70°C. For Tamb = –40°C to +85°C, ITL = –750µA.
7. Load capacitance for port 0, ALE, and PSEN = 100pF, load capacitance for all other outputs = 80pF.
8. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin:
15mA (*NOTE: This is 85
°C specification.)
Maximum IOL per 8-bit port:
26mA
Maximum total IOL for all outputs:
71mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed
test conditions.
9. ALE is tested to VOH1, except when ALE is off then VOH is the voltage specification.
10. Pin capacitance is characterized but not tested. Pin capacitance is less than 25pF. Pin capacitance of ceramic package is less than 15pF
(except EA it is 25pF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com