Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P80C32EBAA Datasheet(PDF) 15 Page - NXP Semiconductors

Part # P80C32EBAA
Description  CMOS single-chip 8-bit microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C32EBAA Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button P80C32EBAA Datasheet HTML 11Page - NXP Semiconductors P80C32EBAA Datasheet HTML 12Page - NXP Semiconductors P80C32EBAA Datasheet HTML 13Page - NXP Semiconductors P80C32EBAA Datasheet HTML 14Page - NXP Semiconductors P80C32EBAA Datasheet HTML 15Page - NXP Semiconductors P80C32EBAA Datasheet HTML 16Page - NXP Semiconductors P80C32EBAA Datasheet HTML 17Page - NXP Semiconductors P80C32EBAA Datasheet HTML 18Page - NXP Semiconductors P80C32EBAA Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 62 page
background image
Philips Semiconductors
Product specification
80C32/87C52
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
15
AC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C or –40°C to +85°C, VCC = 5V ±10%, VSS = 0V (87C52)1, 2, 3
16MHz CLOCK
VARIABLE CLOCK
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
5
Oscillator frequency
Speed versions
: E
3.5
16
MHz
tLHLL
5
ALE pulse width
85
2tCLCL–40
ns
tAVLL
5
Address valid to ALE low
22
tCLCL–40
ns
tLLAX
5
Address hold after ALE low
32
tCLCL–30
ns
tLLIV
5
ALE low to valid instruction in
150
4tCLCL–100
ns
tLLPL
5
ALE low to PSEN low
32
tCLCL–30
ns
tPLPH
5
PSEN pulse width
142
3tCLCL–45
ns
tPLIV
5
PSEN low to valid instruction in
82
3tCLCL–105
ns
tPXIX
5
Input instruction hold after PSEN
0
0
ns
tPXIZ
5
Input instruction float after PSEN
37
tCLCL–25
ns
tAVIV
5
Address to valid instruction in
207
5tCLCL–105
ns
tPLAZ
5
PSEN low to address float
10
10
ns
Data Memory
tRLRH
6, 7
RD pulse width
275
6tCLCL–100
ns
tWLWH
6, 7
WR pulse width
275
6tCLCL–100
ns
tRLDV
6, 7
RD low to valid data in
147
5tCLCL–165
ns
tRHDX
6, 7
Data hold after RD
0
0
ns
tRHDZ
6, 7
Data float after RD
65
2tCLCL–60
ns
tLLDV
6, 7
ALE low to valid data in
350
8tCLCL–150
ns
tAVDV
6, 7
Address to valid data in
397
9tCLCL–165
ns
tLLWL
6, 7
ALE low to RD or WR low
137
239
3tCLCL–50
3tCLCL+50
ns
tAVWL
6, 7
Address valid to WR low or RD low
122
4tCLCL–130
ns
tQVWX
6, 7
Data valid to WR transition
13
tCLCL–50
ns
tWHQX
6, 7
Data hold after WR
13
tCLCL–50
ns
tQVWH
7
Data valid to WR high
287
7tCLCL–150
ns
tRLAZ
6, 7
RD low to address float
0
0
ns
tWHLH
6, 7
RD or WR high to ALE high
23
103
tCLCL–40
tCLCL+40
ns
External Clock
tCHCX
9
High time
20
20
tCLCL–tCLCX
ns
tCLCX
9
Low time
20
20
tCLCL–tCHCX
ns
tCLCH
9
Rise time
20
20
ns
tCHCL
9
Fall time
20
20
ns
Shift Register
tXLXL
8
Serial port clock cycle time
750
12tCLCL
ns
tQVXH
8
Output data setup to clock rising edge
492
10tCLCL–133
ns
tXHQX
8
Output data hold after clock rising edge
8
2tCLCL–117
ns
tXHDX
8
Input data hold after clock rising edge
0
0
ns
tXHDV
8
Clock rising edge to input data valid
492
10tCLCL–133
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100pF, load capacitance for all other outputs = 80pF.
3. Interfacing the 80C32/52 to devices with float times up to 45ns is permitted. This limited bus contention will not cause damage to Port 0
drivers.
4. See application note AN457 for external memory interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com