Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1117S Datasheet(PDF) 2 Page - Alpha Industries

Part # AS1117S
Description  800mA Low Dropout Regulator SCSI-II Active Terminator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS1117S Datasheet(HTML) 2 Page - Alpha Industries

  AS1117S Datasheet HTML 1Page - Alpha Industries AS1117S Datasheet HTML 2Page - Alpha Industries AS1117S Datasheet HTML 3Page - Alpha Industries AS1117S Datasheet HTML 4Page - Alpha Industries AS1117S Datasheet HTML 5Page - Alpha Industries AS1117S Datasheet HTML 6Page - Alpha Industries AS1117S Datasheet HTML 7Page - Alpha Industries AS1117S Datasheet HTML 8Page - Alpha Industries AS1117S Datasheet HTML 9Page - Alpha Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Alpha Semiconductor Inc. 1031 Serpentine Lane. Pleasanton, CA 94568 Tel: (925) 417-1391 Fax: (925) 417-1390
Rev. 9/14/99
AS1117
ABSOLUTE MAXIMUM RATINGS
Power Dissipation.......................................Internally Limited
Input Supply Voltage.................................... -20V to +20V
Lead Temp. (Soldering, 5 Seconds) .............................. 260°C
ESD Rating .........................................................2KV Min
Storage Temperature Range .......................... -65° to +150°C
Operating Junction Temperature Range
AS1117 ................................................-40C° to +125°C
ELECTRICAL CHARACTERISTICS at VIN = VOUT +1, Ta=25°C, CL =3.3
µf, unless otherwise specified. Limits in
Boldface apply over the full operating temperature range.
Parameter
Conditions
Typ
AS1117
Min
Max
Units
1.5V Version
Output Voltage
IOUT = 10mA, VIN = 4.85V
0
≤I
OUT
≤800mA, 4.25≤V
IN
≤10V
1.500
1.485
1.470
1.515
1.530
V
2.5V Version
Output Voltage
IOUT = 10mA, VIN = 4.85V
0
≤I
OUT
≤800mA, 4.25≤V
IN
≤10V
2.500
2.475
2.450
2.525
2.550
V
2.85V Version
Output Voltage
IOUT = 10mA, VIN = 4.85V
0
≤I
OUT
≤800mA, 4.25≤V
IN
≤10V
2.850
2.822
2.793
2.879
2.907
V
3.0V Version
Output Voltage
IOUT = 10mA, VIN = 4.85V
0
≤I
OUT
≤800mA, 4.75≤V
IN
≤10V
3.000
2.970
2.940
3.030
3.060
V
3.3V Version
Output Voltage
IOUT = 10mA, VIN = 5.0V
0
≤I
OUT
≤800mA, 4.75≤V
IN
≤10V
3.300
3.267
3.234
3.333
3.366
V
5.0V Version
Output Voltage
IOUT = 10mA, VIN = 7.0V
0
≤I
OUT
≤800mA, 6.50≤V
IN
≤12V
5.000
4.950
4.900
5.050
5.100
V
All Output Options
Reference Voltage
IOUT = 10mA, (VIN – VOUT) = 2V
10
≤ I
OUT
≤800mA, 1.4≤(V
IN -VIN)
≤10V
1.250
1.238
1.225
1.262
1.270
V
Output Voltage
Temperature Stability
(Note 1)
0.05
%
Line Regulation
4.25V
≤V
IN
≤10V, V
OUT = 2.85, IOUT = 0
4.50V
≤V
IN
≤12V, V
OUT = 3.00, IOUT = 0
4.80V
≤V
IN
≤12V, V
OUT = 3.30, IOUT = 0
6.50V
≤V
IN
≤15V, V
OUT = 5.00, IOUT = 0
1.00
1.00
1.00
1.00
6.00
7.00
7.00
10.00
mV
Load Regulation
0
≤I
OUT
≤800mA, V
IN = 4.25V, VOUT = 2.85
0
≤I
OUT
≤800mA, V
IN = 4.50V, VOUT = 3.00
0
≤I
OUT
≤800mA, V
IN = 4.80V, VOUT = 3.30
0
≤I
OUT
≤800mA, V
IN = 6.50V, VOUT = 5.00
1.00
1.00
1.00
1.00
10.00
12.00
12.00
15.00
mV
Dropout Voltage
( Note 2)
IL = 100mA
IL = 500mA
IL = 800mA
1.00
1.05
1.10
1.10
1.15
1.20
V
Quiescent Current
4.25V
≤V
IN
≤6.5V
5.00
10.00
mA
Current Limit
(VIN-VOUT) = 5V
1000
1200
mA
Thermal Regulation
25
°C,30mS Pulse
0.01
0.1
%/W
Ripple Rejection
fRIPPLE = 120Hz, (Vin-VOUT) = 3V,
VRIPPLE = 1Vp-p
60
75
dB
Long Term Stability
125°C, 1000Hrs
0.03
%
RMS Output Noise
% of Vout, 10Hz
≤f≤10kHz
0.003
%
Thermal Resistance
Junction to case, at tab
15
°C/W
°
Note 1: Output temperature coefficient is defined as the worst case voltage change divided by the total temperature range
Note 2: Dropout voltage is defined as the input to output differential at which the output voltage drops 100mV below its nominal value measured at 1V differential at very low values of programmed
output voltage, the minimum input supply voltage of 2V ( 2.3V over temperature) must be taken into account.
Note 3: Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied. excluding load or line regulation effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com