Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4LC4M16S0 Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS4LC4M16S0
Description  3.3V 4Mx16 and 8Mx8 CMOS synchronous DRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC4M16S0 Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS4LC4M16S0 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 13Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
®
AS4LC8M8S0
AS4LC4M16S0
7/5/00
ALLIANCE SEMICONDUCTOR
9
AC parameters common to all waveforms (continued)
Notes
1
Minimum clock cycles = (Minimum time / clock cycle time) rounded up.
2
Minimum delay required to complete write.
3
Column address change allowed every cycle.
4
Parameters dependent on CAS latency.
5If clock rising time
> 1ns, (tr/2-0.5)ns should be added to parameter.
6
If (tr and tf)
> 1ns, [(tr+tf)/2-1]ns should be added to parameter.
7
Outputs measured at 1.5V with 50pF load only without resistive termination.
Burst sequence
(BL = 4)
Burst sequence
(BL = 8)
Sym
Parameter
CAS
latency
-75
-8
-10 F
-10
Unit
Notes
Min Max
Min
Max
Min
Max
Min
Max
tDQD
DQM to input data delay
1
–
1
–
1
–
1
–
CLK
tDQM DQM to data mast during writes
0
–
0
–
0
–
0
–
CLK
tDQZ
DQM to data high Z during
reads
2
–
2
–
2–
2–
CLK
tDWD
Write command to input data
delay
0
–
0
–
0–
0–
CLK
tDAL
Data-in to active command
5
–
5
–
5
–
5
–
CLK
tMRD
Load mode register to active/
refresh command
1
–
1
–
1–
1–
CLK
tROH
Data-out high Z from
precharge/burst stop command
33
–
3
–
3
–
3
–
CLK
4
22
–
2
–
2
–
2
–
CLK
4
tCKED
CKE to CLOCK disable or power-
down entry mode
1
–
1
–
1–
1–
CLK
tPED
CKE to clock enable or power-
down exit mode
1
–
1
–
1–
1–
CLK
Initial address
Sequential
Interleave
A1
A0
0
0
0
123
0123
0
1
1
230
1032
1
0
2
301
2301
1
1
3
012
3210
Initial address
Sequential
Interleave
A2
A1
A0
0
0
0
0123456701234567
0
0
1
1234567010325476
0
1
0
2345670123016745
0
1
1
3456701232107654
1
0
0
4567012345670123
1
0
1
5670123454761032
1
1
0
6701234567452301
1
1
1
7012345676543210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com