Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS-QV Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LS-QV
Description  High Performance Four-Drive Network Storage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LS-QV Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LS-QV Datasheet HTML 1Page - List of Unclassifed Manufacturers LS-QV Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SHARE FILES BETWEEN
EVERY
PC AND MAC ON
YOUR HOME NETWORK
OFFICE
HOTEL
HOTSPOT
iPhone
iPad
flickr
Support
BCN AWARD 2011
High Performance Four-Drive Network Storage
Features and Benefits
Performance
- LinkStation powered by 1.6GHz CPU delivers 71.9MB/s! 1.7X
faster than USB hard drive
- 1,000 photos are copied in 53.3 seconds, 11% acceleration by
Buffalo's original acceleration software, TurboPC and Turbo-
Copy
Access files on LinkStation remotely
- WebAccess lets you access files on LinkStation from anywhere
in the world!
- From iPhone and iPad, enjoy photo slideshow and video
streaming play with dedicate application, WebAccess i apps
Media Server
- Enjoy your photo/video/music collections with DLNA and UPnP
AV compatible media devices, and iTunes!
- Play music files on LinkStation with Logitech’s Squeezebox
(Wi-Fi music player)!
High Reliability
- Supports RAID in 0, 1, 5, 10 and Normal (individual disks)
modes
- Easy tool free hard drive replacement
Backup
- Back up all important data on PC with NovaBACKUP!
- Time Machine is supported for backup of Mac
Expand the possibility of LinkStation
- Synchronize LinkStation’s shared folder and your Flickr
account for better photo sharing!
- Save photos and videos shot with Wi-Fi SD card “Eye-Fi” on
LinkStation via wireless network!
- Connect and share/use multi-functional printers like it is directly
connected to your PC!
WebAccess
Ultimate Data Protection with RAID
LinkStation Pro Quad LS-QVL RAID network storage offers
instant storage expansion and file access on your home
network and over the Internet. Twices as fast as a standard
NAS, LS-QVL features a high-speed, 1.6 GHz processor for
maximum transfer speeds up to 71.9 MB/s. Plug it into any
Ethernet port or into the back of your wireless router and
access it on any networked computer in your house. While on
the go, use Buffalo’s free WebAccess service for remote access
to your files over the Internet from any standard Web browser.
You can download the free WebAccess i Apps from the iTunes®
store to access and share files from your iPhone®, iPod touch®
and iPad®. Included NovaBACKUP® Professional software for
Windows® and Time Machine® support provide a whole home
backup solution for every PC and Mac® on your network.
LinkStation Pro Quad makes central storage and backup easy.
Free WebAccess A app for Android
and WebAccess i app for iPhone® and iPad®
71.9 MB/s
2.4X FASTER
40.4 MB/s
23.2 MB/s
LinkStation Pro Quad
(Gigabit Ethernet)
Standard NAS
Device
Standard USB
Hard Drive
High performance CPU gives
71.9MB/s transfer speed**
RAID 10
Striped Mirror
Mode
RAID 0
Striping Mode
RAID 5
Parity Mode
RAID 1
Mirroring Mode
JBOD
Normal Mode
A
B
C
D
D.
A
B
C
D
C
D
D.
E.
D.
A
B
C
D
C
D
A1 B1 C1
A2 P C2
A3 B2 P
P
B3 C3
D.
A
B
C
D
D.
E.
F.
G.


Similar Part No. - LS-QV

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-Q971 OSRAM-LS-Q971 Datasheet
211Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LS-Q976 OSRAM-LS-Q976 Datasheet
517Kb / 19P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LS-Q976-NR-1 OSRAM-LS-Q976-NR-1 Datasheet
517Kb / 19P
CHIPLED 0603
More results

Similar Description - LS-QV

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM4780P BOARDCOM-BCM4780P Datasheet
111Kb / 1P
NETWORK ATTACHED STORAGE PROCESSOR
logo
AAEON Technology
CRS-720X-2R AAEON-CRS-720X-2R Datasheet
129Kb / 1P
High Performance 2U Storage Server
CRS-720X-2R AAEON-CRS-720X-2R Datasheet
129Kb / 1P
High Performance 2U Storage Server
CRS-720X-2R AAEON-CRS-720X-2R_15 Datasheet
129Kb / 1P
High Performance 2U Storage Server
logo
Level One
GNS-4001 LVL1-GNS-4001 Datasheet
838Kb / 3P
4-Bay Gigabit Network Storage
logo
List of Unclassifed Man...
FX-5210 ETC2-FX-5210 Datasheet
141Kb / 1P
High Performance 2U Network Security Platform With Four CPUs
TN70J-E3250 ETC2-TN70J-E3250 Datasheet
1Mb / 2P
High-Performance, Green Storage
LS-VL ETC2-LS-VL Datasheet
386Kb / 2P
High Performance Shared Network Storage
LS-WVL ETC2-LS-WVL Datasheet
516Kb / 2P
Shared Network Storage
logo
Silicon Laboratories
SI50122-A3 SILABS-SI50122-A3 Datasheet
1Mb / 14P
Network Attached Storage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com