Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS-V3.0TL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LS-V3.0TL
Description  High Performance Shared Network Storage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LS-V3.0TL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LS-V3.0TL Datasheet HTML 1Page - List of Unclassifed Manufacturers LS-V3.0TL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SHARE FILES BETWEEN
EVERY
PC AND MAC ON
YOUR HOME NETWORK
OFFICE
HOTEL
HOTSPOT
iPhone
iPad
LinkStation Pro
(Gigabit Ethernet)
Standard USB
Hard Drive
Up to 88% FASTER
Transfer Speeds
76 MB/s
40.4 MB/s
HOME
NETWORK
HOME OFFICE
GAME ROOM
LIVING ROOM
LINKSTATION PRO
HOME
High Performance Shared Network Storage
Features and Benefits
Performance
- LinkStation powered by 1.6GHz CPU delivers 71.9MB/s! 1.8X
faster than USB hard drive
- 1,000 photos are copied in 35 seconds, 20% acceleration by
Buffalo's original acceleration software, TurboPC and Turbo-
Copy
Access files on LinkStation remotely
- WebAccess lets you access files on LinkStation from anywhere
in the world!
- From iPhone enjoy photo slideshow and video streaming play
with dedicate application, WebAccess i
Media Server
- Enjoy your photo/video/music collections with DLNA and UPnP
AV compatible media devices, and iTunes
Backup
- Back up all important data on PC with NovaBACKUP!
- Time Machine is supported for backup of Mac
WebAccess
Easy Data Sharing
LinkStation Pro LS-VL network storage offers instant storage
expansion and file access on your home network and over the
Internet. Significantly faster than a USB hard drive, LinkStation-
Pro features a fast 1.6 GHz processor for maximum transfer
speeds up to 76 MB/s. Simply plug it into any network Ethernet
port or into the back of your wireless router and instantly access
it on any networked computer in your house. While on the go,
use Buffalo’s free WebAccess service for remote access to your
files over the Internet from any standard Web browser and
download the free WebAccess i Apps from the iTunes® store to
access and share files from your iPhone®, iPod touch® and
iPad®. Included NovaBACKUP® Professional software for
Windows® and Time Machine® support provide a whole home
backup solution for every PC and Mac® on your network.
LinkStation Pro makes central storage and backup easy.
Free WebAccess i App
for iPhone® and iPad®
BCN AWARD 2011


Similar Part No. - LS-V3.0TL

ManufacturerPart #DatasheetDescription
logo
Coto Technology
LS-V-1-01-A COTO-LS-V-1-01-A Datasheet
118Kb / 2P
Liquid Level Sensor
LS-V-1-01-B COTO-LS-V-1-01-B Datasheet
118Kb / 2P
Liquid Level Sensor
LS-V-1-02-A COTO-LS-V-1-02-A Datasheet
118Kb / 2P
Liquid Level Sensor
LS-V-1-02-B COTO-LS-V-1-02-B Datasheet
118Kb / 2P
Liquid Level Sensor
LS-V-2-01-A COTO-LS-V-2-01-A Datasheet
118Kb / 2P
Liquid Level Sensor
More results

Similar Description - LS-V3.0TL

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM4780P BOARDCOM-BCM4780P Datasheet
111Kb / 1P
NETWORK ATTACHED STORAGE PROCESSOR
logo
AAEON Technology
CRS-720X-2R AAEON-CRS-720X-2R Datasheet
129Kb / 1P
High Performance 2U Storage Server
CRS-720X-2R AAEON-CRS-720X-2R Datasheet
129Kb / 1P
High Performance 2U Storage Server
CRS-720X-2R AAEON-CRS-720X-2R_15 Datasheet
129Kb / 1P
High Performance 2U Storage Server
logo
Level One
FNS-1020 LVL1-FNS-1020 Datasheet
180Kb / 2P
1-Bay Simple Network Storage
GNS-4001 LVL1-GNS-4001 Datasheet
838Kb / 3P
4-Bay Gigabit Network Storage
logo
List of Unclassifed Man...
TN70J-E3250 ETC2-TN70J-E3250 Datasheet
1Mb / 2P
High-Performance, Green Storage
LS-QV ETC2-LS-QV Datasheet
420Kb / 2P
High Performance Four-Drive Network Storage
LS-WVL ETC2-LS-WVL Datasheet
516Kb / 2P
Shared Network Storage
logo
Silicon Laboratories
SI50122-A3 SILABS-SI50122-A3 Datasheet
1Mb / 14P
Network Attached Storage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com