Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3LR12 Datasheet(PDF) 1 Page - Energizer

Part # 3LR12
Description  Zinc-Manganese Dioxide No Added Mercury or Cadmium
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERGIZER [Energizer]
Direct Link  http://www.energizer.com
Logo ENERGIZER - Energizer

3LR12 Datasheet(HTML) 1 Page - Energizer

  3LR12 Datasheet HTML 1Page - Energizer  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4.5V
Classification:
"Alkaline"
Chemical System:
Zinc-Manganese Dioxide (Zn/MnO2)
Designation:
IEC-3LR12
Nominal Voltage:
4.5 volts
Operating Temp:
-18°C to 55°C
Typical Weight:
163 grams
Typical Volume:
77 cubic centimeters
Jacket:
Plastic Label
Terminals:
Spring Clips
Shelf Life:
7 years
Ultra+ (3LR12)
Industry Standard Tests (21°C)
Typical Discharge Charateristics (21°C)
Specifications
(millimeters)
No Added Mercury or Cadmium
Industry Standard Dimensions
PRODUCT DATASHEET
2.0
2.5
3.0
3.5
4.0
4.5
0
10
20
30
40
Service (hours)
Hours
FLASHLIGHT
20 ohm 1 hr/day
2.0
2.5
3.0
3.5
4.0
4.5
0
100
200
300
400
Service (hours)
Hours
RADIO
220 ohm 4 hrs/day
2.0
2.5
3.0
3.5
4.0
4.5
0
50
100
150
200
250
Service (hours)
3.9 ohm Continuous
Discharge
63.00
67.00
60.00
62.00
23.00
Minimum
16.00
Minimum
22.00
20.00
7.00
6.00
1.00
Minimum
3.00
Minimum
Pack Quantity
:
1
Manufacturers Part Number : E300116200


Similar Description - 3LR12

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
6LR61XWA PANASONICBATTERY-6LR61XWA Datasheet
201Kb / 2P
Alkaline-Zinc/Manganese Dioxide
logo
Energizer
E300116700 ENERGIZER-E300116700 Datasheet
3Mb / 1P
Zinc-Manganese Dioxide No added mercury or cadmium
E300171700 ENERGIZER-E300171700 Datasheet
226Kb / 1P
Zinc-Manganese Dioxide No added mercury or cadmium
E300173100 ENERGIZER-E300173100 Datasheet
225Kb / 1P
Zinc-Manganese Dioxide No added mercury or cadmium
E300488100 ENERGIZER-E300488100 Datasheet
2Mb / 1P
Zinc-Manganese Dioxide No added mercury or cadmium
LR14 ENERGIZER-LR14 Datasheet
2Mb / 1P
Zinc-manganese Dioxide No added mercury or cadmium
LR20 ENERGIZER-LR20 Datasheet
2Mb / 1P
Zinc-manganese Dioxide No added mercury or cadmium
XR92 ENERGIZER-XR92 Datasheet
219Kb / 2P
Zinc-Manganese Dioxide (Zn/MnO2) No added mercury or cadmium
logo
LSI Computer Systems
XR91 LSI-XR91 Datasheet
233Kb / 2P
Zinc-Manganese Dioxide (Zn/MnO2) No added mercury or cadmium
logo
List of Unclassifed Man...
4LR44 ETC2-4LR44 Datasheet
247Kb / 1P
Alkaline Manganese Dioxide (mercury free)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com