Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV982MMX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMV982MMX/NOPB
Description  Dual 1.8V, RRIO Operational Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV982MMX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV982MMX/NOPB Datasheet HTML 4Page - Texas Instruments LMV982MMX/NOPB Datasheet HTML 5Page - Texas Instruments LMV982MMX/NOPB Datasheet HTML 6Page - Texas Instruments LMV982MMX/NOPB Datasheet HTML 7Page - Texas Instruments LMV982MMX/NOPB Datasheet HTML 8Page - Texas Instruments LMV982MMX/NOPB Datasheet HTML 9Page - Texas Instruments LMV982MMX/NOPB Datasheet HTML 10Page - Texas Instruments LMV982MMX/NOPB Datasheet HTML 11Page - Texas Instruments LMV982MMX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
A1
B1
C1
A2
B2
C2
VCC
SHDN
IN+
OUT
GND
IN-
1
2
3
+IN
GND
-IN
6
5
4
VDD
OUT
SHDN
LMV981-N, LMV982-N
SNOS976L – NOVEMBER 2001 – REVISED MARCH 2013
www.ti.com
5V AC Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C. V
+ = 5V, V − = 0V, V
CM = V
+/2, V
O = 2.5V, R L > 1 MΩ and SHDN
tied to V
+.Boldface limits apply at the temperature extremes. See (1).
Parameter
Test Conditions
Min (2)
Typ (3)
Max (2)
Units
THD
Total Harmonic Distortion
f = 1kHz, AV = +1
0.022
%
RL = 600Ω, VO = 1V PP
Amp-to-Amp Isolation
(5)
123
dB
(5)
Input referred, RL = 100kΩ connected to V
+/2. Each amp excited in turn with 1kHz to produce V
O = 3VPP. (For Supply Voltages <3V, VO
= V+).
Connection Diagrams
Top View
Top View
Top View
Figure 1. 6-Bump DSBGA
Figure 2. 6-Pin SC70 and SOT-23
Figure 3. 10-Pin VSSOP Package
Package
See Package Numbers
See Package Number DGS0010A
See Package Number
DCK0006A and DBV0006A
YZR0006BBA
8
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LMV981-N LMV982-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com