Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88196L Datasheet(PDF) 39 Page - ASIX Electronics Corporation

Part # AX88196L
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196L Datasheet(HTML) 39 Page - ASIX Electronics Corporation

Back Button AX88196L Datasheet HTML 34Page - ASIX Electronics Corporation AX88196L Datasheet HTML 35Page - ASIX Electronics Corporation AX88196L Datasheet HTML 36Page - ASIX Electronics Corporation AX88196L Datasheet HTML 37Page - ASIX Electronics Corporation AX88196L Datasheet HTML 38Page - ASIX Electronics Corporation AX88196L Datasheet HTML 39Page - ASIX Electronics Corporation AX88196L Datasheet HTML 40Page - ASIX Electronics Corporation AX88196L Datasheet HTML 41Page - ASIX Electronics Corporation AX88196L Datasheet HTML 42Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
AX88196
10/100BASE Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
39
TXD1
AEN
0
C25
0.1u
RXD0
C14
8p
200h
TXD3
SA0
EEDO
SA1
SD7
IO BASE
C12
0.1u
380h
5V
RXD3
0
RDY
SD13
320h
SD3
IOBASE1
SD5
MDIO
1
ISA BUS
RXCLK
IOBASE2
SD12
R5
10K
C26
0.1u
1
0
R4
10K
C19
0.1u
GEP1
0
CPU TYPE & IO BASE SELECT
1
SD9
XOUT
SA8
1
RXER
MDC
SD10
IORD#
EECS
0
SA2
1
R8
10K
IOCS16#
C16
0.1u
SA9
SA4
5V
EESK
0
MODE
IOWR#
SD2
SA6
RXDV
+
C15
47u/16v
IOBASE0
EEDI
0
1
CPU1
0
8051
SA[0..9]
SD8
R3
10K
CRS
SD6
TXD2
IOBASE2
1
3A0h
XIN
SD15
SD[0..15]
C17
0.1u
1
MC68K
3.3V
SD14
0
SD4
U3
AX88196
1
2
3
4
5
6
7
8
9
10
11
12
14
15
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
69
71
72
74
75
77
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
119
120
123
124
125
126
127
128
SA<0> /LDS
SA<1>
SA<2>
SA<3>
SA<4>
SA<5>
SA<6>
SA<7>
SA<8>
SA<9>
VSS
IRQ
/IRQ
/IOWR R/W
/IORD
/BHE /HDS
HVDD
SD<15>
SD<14>
SD<13>
SD<12>
VSS
SD<11>
SD<10>
SD<9>
SD<8>
HVDD
SD<7>
SD<6>
SD<5>
SD<4>
VSS
SD<3>
SD<2>
SD<1>
SD<0>
VSS
SLIN#
INIT#
ATFD#
LVDD
STRB#
BUSY
ACK#
PE
VSS
SLCT
ERR#
PD7
PD6
LVDD
PD5
PD4
PD3
PD2
VSS
PD1
GEP1
PD0
GEP0
IO_BASE<2>
IO_BASE<1>
HVDD
IO_BASE<0>
VSS
CPU<1>
CPU<0>
SLINK#
HVDD
TEST
VSS
RX_ER
RX_DV
COL
CRS
RX_CLK
RXD<0>
RXD<1>
RXD<2>
RXD<3>
MDIO
MDC
VSS
TX_CLK
TX_EN
TXD<0>
TXD<1>
TXD<2>
TXD<3>
LVDD
CLKO25M
VSS
LCLK/XTALIN
XTALOUT
VSS
EECS
EECK
EEDI
EEDO
LVDD
SAL<0>
SAL<1>
SAL<2>
SAH<0>
SAH<1>
SAH<2>
VSS
/IOCS16
/CS
AEN/PSEN
RDY/DTACK
/RESET
RESET
LVDD
300h
C23
0.1u
CPU0
RXD2
EEDO
R1
10K
XIN
IOBASE1
GND
0
GEP0
U4
93C56
1
2
3
4
5
6
7
8
CS
SK
DI
DO
GND
NC
NC
VCC
GND
GND
EEDI
5V
0
+
C21
47u/16v
0
0
C24
0.1u
1
SD11
340h
RXD1
R9
10K
1
option
BHE#
SA7
SD0
C18
0.1u
C20
0.1u
1
C22
0.1u
360h
C13
8p
220h
TXEN
C27
0.1u
COL
SA3
Y1
25MHZ-CRYSTAL
J1
IO/BASE SELECT
1
3
5
2
4
6
SA5
TXD0
R2
2M
80186
IRQ
XOUT
1
0
SD1
EESK
0
1
1
TXCLK
25MHZ
IOBASE0
R7
10K
0
RST0#
3.3V
CPU0
EECS
1
CPU1
R6
10K
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com