Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS321IDR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TS321IDR
Description  Low-Power Single Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS321IDR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TS321IDR Datasheet HTML 4Page - Texas Instruments TS321IDR Datasheet HTML 5Page - Texas Instruments TS321IDR Datasheet HTML 6Page - Texas Instruments TS321IDR Datasheet HTML 7Page - Texas Instruments TS321IDR Datasheet HTML 8Page - Texas Instruments TS321IDR Datasheet HTML 9Page - Texas Instruments TS321IDR Datasheet HTML 10Page - Texas Instruments TS321IDR Datasheet HTML 11Page - Texas Instruments TS321IDR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
100 pF
100 nF
1 nF
1 µF
10 µF
10 nF
TS321
SLOS489C – DECEMBER 2005 – REVISED APRIL 2015
www.ti.com
Feature Description (continued)
8.3.4 Input Common Mode Range
The valid common mode range is from device ground pin to VCC – 1.5 V (VCC – 2 V across temperature).
Inputs may exceed VCC up to the maximum VCC without device damage. At least one input must be in the valid
input common mode range for output to be correct phase. If both inputs exceed valid range then output phase is
undefined. If either input is less than -0.3 V then input current should be limited to 1 mA and output phase is
undefined.
8.3.5 Stability With High Capacitive Loads
Operational amplifiers have reduced phase margin when there is a direct capacitance on the output. The stability
is affected most when the amplifier is set to unity gain. Small signal response to a step input of 100 mV reveals
the loop stability with a range of capacitors. See application note SLVA381 to correlate response waveform to
phase margin. The responses at 1 nF or less indicate acceptable phase margin. The responses at 1 uF and
above indicate good phase margin.
Figure 7. Small Signal Response
8.4 Device Functional Modes
The TS321 is powered on when the supply is connected. This device can be operated as a single supply
operational amplifier or dual supply amplifier depending on the application.
8
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TS321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com