Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL082CD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL082CD
Description  JFET-Input Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL082CD Datasheet(HTML) 1 Page - Texas Instruments

  TL082CD Datasheet HTML 1Page - Texas Instruments TL082CD Datasheet HTML 2Page - Texas Instruments TL082CD Datasheet HTML 3Page - Texas Instruments TL082CD Datasheet HTML 4Page - Texas Instruments TL082CD Datasheet HTML 5Page - Texas Instruments TL082CD Datasheet HTML 6Page - Texas Instruments TL082CD Datasheet HTML 7Page - Texas Instruments TL082CD Datasheet HTML 8Page - Texas Instruments TL082CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
+
−
+
−
OFFSET N1
IN +
IN −
OUT
IN +
IN −
OUT
TL082 (EACH AMPLIFIER)
TL084 (EACH AMPLIFIER)
TL081
OFFSET N2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TL081, TL081A, TL081B, TL082, TL082A
TL082B, TL084, TL084A, TL084B
SLOS081I – FEBRUARY 1977 – REVISED MAY 2015
TL08xx JFET-Input Operational Amplifiers
1 Features
3 Description
The TL08xx JFET-input operational amplifier family is
1
•
Low Power Consumption: 1.4 mA/ch Typical
designed
to
offer
a
wider
selection
than
any
•
Wide Common-Mode and Differential Voltage
previously developed operational amplifier family.
Ranges
Each of these JFET-input operational amplifiers
•
Low Input Bias Current: 30 pA Typical
incorporates well-matched, high-voltage JFET and
bipolar transistors in a monolithic integrated circuit.
•
Low Input Offset Current: 5 pA Typical
The devices feature high slew rates, low input bias
•
Output Short-Circuit Protection
and
offset
currents,
and
low
offset-voltage
•
Low Total Harmonic Distortion: 0.003% Typical
temperature coefficient.
•
High Input Impedance: JFET Input Stage
Device Information(1)
•
Latch-Up-Free Operation
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
High Slew Rate: 13 V/
μs Typical
TL084xD
SOIC (14)
8.65 mm × 3.91 mm
•
Common-Mode Input Voltage Range
TL08xxFK
LCCC (20)
8.89 mm × 8.89 mm
Includes VCC+
TL084xJ
CDIP (14)
19.56 mm × 6.92 mm
TL084xN
PDIP (14)
19.3 mm × 6.35 mm
2 Applications
TL084xNS
SO (14)
10.3 mm × 5.3 mm
•
Tablets
TL084xPW
TSSOP (14)
5.0 mm × 4.4 mm
•
White goods
(1) For all available packages, see the orderable addendum at
•
Personal electronics
the end of the data sheet.
•
Computers
Schematic Symbol
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TL082CD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL082CD MOTOROLA-TL082CD Datasheet
169Kb / 8P
JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TL082CD ONSEMI-TL082CD Datasheet
169Kb / 8P
JFET INPUT OPERATIONAL AMPLIFIERS
REV 1
logo
STMicroelectronics
TL082CD STMICROELECTRONICS-TL082CD Datasheet
108Kb / 11P
GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
Mar-2002
logo
Texas Instruments
TL082CD TI-TL082CD Datasheet
368Kb / 19P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL082CD TI-TL082CD Datasheet
463Kb / 29P
JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL082CD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081_04 Datasheet
862Kb / 37P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL087 TI-TL087_07 Datasheet
387Kb / 22P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL091 TI-TL091 Datasheet
610Kb / 8P
JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
JFET Input Operational Amplifiers
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com