Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF1081AT Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # PCF1081AT
Description  Fully integrated single chip basestation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCF1081AT Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button PCF1081AT Datasheet HTML 9Page - List of Unclassifed Manufacturers PCF1081AT Datasheet HTML 10Page - List of Unclassifed Manufacturers PCF1081AT Datasheet HTML 11Page - List of Unclassifed Manufacturers PCF1081AT Datasheet HTML 12Page - List of Unclassifed Manufacturers PCF1081AT Datasheet HTML 13Page - List of Unclassifed Manufacturers PCF1081AT Datasheet HTML 14Page - List of Unclassifed Manufacturers PCF1081AT Datasheet HTML 15Page - List of Unclassifed Manufacturers PCF1081AT Datasheet HTML 16Page - List of Unclassifed Manufacturers PCF1081AT Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
printed 1998 Apr 20
13
Philips Semiconductors
Product Specification (Rev. 1998 Apr 20)
Advanced Basestation IC
PCF7991AT
Table 11 Configuration bit description
Note
1. In order to achieve fast receiver settling the amplifier and filter characteristics can temporarily be overridden:
2. In order to derive an antenna carrier frequency fTX of 125 kHz; the clock divider has to be programmed as follows:
3. If the THRESET is set, the threshold generator is disabled and initialized according to the receive signal conditions.
BIT NAME
DESCRIPTION
RESET
CONDITION
FILTERH
main low pass cutoff frequency
0
0: fL = 3 kHz; 1: fL = 6 kHz
FILTERL
main high pass cutoff frequency
0
0: fH = 40 Hz; 1: fH = 160 Hz
GAIN0
amplifier_0 gain factor
0
0: gain0 = 16; 1: gain0 = 32
GAIN1
amplifier_1 gain factor
1
0: gain1 = 6.22; 1: gain1 = 31.5
TXDIS
disable antenna driver
0
0: driver active; 1: driver inactive
HYSTERESIS
data comparator hysteresis
0
0: hysteresis OFF; 1: hysteresis ON
PD
Power-down mode enable
0
0: device active; 1: Power-down mode
PD_MODE
select Power-down mode, if PD = 1
0
0: Idle mode; 1: Power-down mode
FREEZE0
receiver characteristics override
0
see Note 1
FREEZE1
receiver characteristics override
0
see Note 1
ACQAMP
store signal amplitude as reference
for later amplitude comparison
0
see Section 8.5.5
THRESET
reset threshold generation of digitizer
0
see Note 3
FSEL0
clock frequency select LSB
0
see Note 2
FSEL1
clock frequency select MSB
0
DISSMARTCOMP disable smart comparator
0
0: comparator = ON, 1: comparator = OFF
DISLP1
disable main low pass
0
0: low pass = ON, 1: low pass = OFF
FREEZE 1
FREEZE 0
REMARK
0
0
normal operation according to configuration page 0
0
1
main low pass is frozen and main high pass is initialized to QGND
1
0
main low pass is frozen and the time constant of the main high pass is reduced by a
factor of 16 for FILTERH = 0 and by a factor of 8 for FILTERH = 1
1
1
time constant of the main high pass is reduced by a factor of 16 for FILTERH = 0
and by a factor of 8 for FILTERH = 1. Second high pass is initialized to QGND
FSEL0
FSEL1
OSCILLATOR FREQUENCY
0
0
4 MHz
0
1
8 MHz
1
0
12 MHz
0
1
16 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com