Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR05C-003-RARB Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # UR05C-003-RARB
Description  Dedicated Reversible USB Charging Cable Black,3-ft.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

UR05C-003-RARB Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  UR05C-003-RARB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved UR05C-003-RARB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This cable is designed for charging only, and will not work for transferring data
Dedicated Reversible USB Charging Cable (Left /
Right Angle Reversible A to Right Angle 5-Pin Micro
B) Black, 3-ft.
MODEL NUMBER: UR05C-003-RARB
Description
Tripp Lite's UR05C-003-RARB is a 3-ft. Micro USB cable dedicated to charging mobile devices such as tablets
and phones. Constructed of 20AWG power lines, it ensures the fastest charging of your device. It also features
a Left / Right Angle Reversible A connector, which takes the guesswork out of which way to position the A
connector for plugging. Its Left / Right Angle A connector and corresponding Right Angle Micro-B connector are ideal in situations where space is at a
premium, and reduces stress and excessive bending on the cable.
Features
Dedicated Charging cable; will not work for transferring data
Left / Right Angle Reversible A Male to Right Angle Micro-B Male
Constructed of 20AWG power lines for the fastest charging of Micro USB devices such as tablets and phones
Angled connectors on each end are ideal in situations where space is at a premium, and reduce stress and excessive bending on the cable
Specifications
OVERVIEW
Cable Type
USB
INPUT
Cable Length (ft.)
3
Cable Length (m)
0.91
Highlights
Dedicated Charging cable; will
not work for transferring data
Right / Left Angle Reversible A
Male to Right-Angle Micro-B Male
Constructed of 20AWG power
lines for the fastest charging of
Micro USB devices such as
tablets and phones
Angled connectors on each end
are ideal in situations where
space is at a premium, and
reduce stress and excessive
bending on the cable
System Requirements
Micro USB mobile device such
as a tablet or phone
Package Includes
3-ft. Black Micro USB Dedicated
Charging Cable, 20AWG (Left /
Right Angle A Male to Right
Angle Micro-B Male)
1 / 2


Similar Part No. - UR05C-003-RARB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
UR05C-003-RB TRIPPLITE-UR05C-003-RB Datasheet
510Kb / 2P
Dedicated Reversible USB Charging Cable (Reversible A to Right Angle 5-Pin Micro B) Black,3-ft.
More results

Similar Description - UR05C-003-RARB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2513 TI1-TPS2513 Datasheet
1Mb / 16P
USB Dedicated Charging Port Controller
logo
Diodes Incorporated
TPS2513A DIODES-TPS2513A Datasheet
1Mb / 20P
USB Dedicated Charging Port Controller
Rev 1.2
logo
Tripp Lite. All Rights ...
UR05C-003-RB TRIPPLITE-UR05C-003-RB Datasheet
510Kb / 2P
Dedicated Reversible USB Charging Cable (Reversible A to Right Angle 5-Pin Micro B) Black,3-ft.
UR05C-003-UARB TRIPPLITE-UR05C-003-UARB Datasheet
507Kb / 2P
Dedicated Reversible USB Charging Cable (Up /Down Angle Reversible A to Right Angle 5-Pin Micro B) Black, 3-ft.
logo
Texas Instruments
TPS2513 TI1-TPS2513_15 Datasheet
1Mb / 20P
USB Dedicated Charging Port Controller
TPS2513A-Q1 TI1-TPS2513A-Q1 Datasheet
1Mb / 22P
USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7104 UPI-UP7104 Datasheet
586Kb / 11P
USB Dedicated Charging Port Controller
logo
Tripp Lite. All Rights ...
UR020-003 TRIPPLITE-UR020-003 Datasheet
164Kb / 2P
Universal Reversible USB 2.0 Cable (Reversible A to Reversible A M/M), 3-ft.
logo
Shenzhen Huazhimei Semi...
HM1523 HMSEMI-HM1523 Datasheet
553Kb / 10P
USB dedicated charging port controller
HM1521 HMSEMI-HM1521 Datasheet
483Kb / 11P
USB dedicated charging port controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com