Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMTH6010LPS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMTH6010LPS
Description  60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6010LPS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMTH6010LPS Datasheet HTML 1Page - Diodes Incorporated DMTH6010LPS Datasheet HTML 2Page - Diodes Incorporated DMTH6010LPS Datasheet HTML 3Page - Diodes Incorporated DMTH6010LPS Datasheet HTML 4Page - Diodes Incorporated DMTH6010LPS Datasheet HTML 5Page - Diodes Incorporated DMTH6010LPS Datasheet HTML 6Page - Diodes Incorporated DMTH6010LPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMTH6010LPS
Document number: DS37354 Rev. 5 - 2
4 of 7
www.diodes.com
November 2015
© Diodes Incorporated
DMTH6010LPS
0.01
0.1
1
10
100
1000
0.1
1
10
100
T
= 175°C
J (m ax )
T
= 25°C
C
V
= 10V
GS
Single Pulse
DUT on 1 * MRP Board
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
P
= 10µs
W
P
= 1µs
W
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 11 SOA, Safe Operation Area
R DS(on)
Limited
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
175
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. Gate Threshold Variation vs. junction
Temperature
I
D=250μA
I
D=1mA
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 8. Diode Forward Voltage vs. Current
V
GS=0V, TJ=-55℃
V
GS=0V, TJ=25℃
V
GS=0V, TJ=85℃
V
GS=0V, TJ=175℃
V
GS=0V, TJ=150℃
V
GS=0V, TJ=125℃
1
10
100
1000
10000
0
10
20
30
40
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 9. Typical Junction Capacitance
f=1MHz
Ciss
Coss
Crss
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
Q
g, TOTAL GATE CHARGE (nC)
Figure 10. Gate Charge
V
DS=30V, ID=20A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com