Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMS6004DN8 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMS6004DN8
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6004DN8 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMS6004DN8 Datasheet HTML 1Page - Diodes Incorporated ZXMS6004DN8 Datasheet HTML 2Page - Diodes Incorporated ZXMS6004DN8 Datasheet HTML 3Page - Diodes Incorporated ZXMS6004DN8 Datasheet HTML 4Page - Diodes Incorporated ZXMS6004DN8 Datasheet HTML 5Page - Diodes Incorporated ZXMS6004DN8 Datasheet HTML 6Page - Diodes Incorporated ZXMS6004DN8 Datasheet HTML 7Page - Diodes Incorporated ZXMS6004DN8 Datasheet HTML 8Page - Diodes Incorporated ZXMS6004DN8 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ZXMS6004DN8
Document number: DS38040 Rev. 2 - 2
4 of 9
www.diodes.com
August 2015
© Diodes Incorporated
ZXMS6004DN8
100ms
0.00
0.50
1.00
1.50
2.00
2.50
0
25
50
75
100
125
150
TA, Ambient Temperature (℃)
Figure. DC Forward Current Derating
IF(A)-MRP(1)
IF(A)-1 inch(2)
0.01
0.1
1
10
0.1
1
10
100
Vds, Drain-Source Voltage (V)
SOA, Safe Operation Area
Id(A) @
DC
Id(A)
@Pw=10s
Id(A)
@Pw=1s
Id(A)
@Pw=100
ms
Id(A)
@Pw=10
ms
Id(A)
@Pw=1ms
Id(A)
@Pw=100
us
Tj,
(Max)=150℃
Ta=25℃,
Vgs=5V
Single Pulse
Rds(on)
Limited
0.001
0.01
0.1
1
0.00001 0.0001 0.001
0.01
0.1
1
10
100
1000
t1, Pulse Duration Time (sec)
Figure: Transient Thermal Resistance
r(t) @ D=0.9
r(t) @ D=0.7
r(t) @ D=0.5
r(t) @ D=0.3
r(t) @ D=0.1
r(t) @ D=0.05
r(t) @ D=0.02
r(t) @ D=0.01
r(t) @ D=0.005
r(t) @ D=Single Pulse
Rthja(t)=r(t) * Rthja
Rthja=108C/W
Duty Cycle, D=t1 / t2
0
100
200
300
400
500
600
700
800
0.00001 0.0001 0.001
0.01
0.1
1
10
100
1000
t
1, Pulse Duration Time (sec)
Figure 1: Pulse Power Dissipation
Single Pulse
Rthja=108C/W
Rthja(t)=Rthja * r(t)
Tj-Ta=P * Rthja (t)
Thermal Characteristics (Continued)
Limit of s/c protection
1S
10S
DC
10ms
1ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com