Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5CZ-R2T Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # E5CZ-R2T
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2T Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button E5CZ-R2T Datasheet HTML 18Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 19Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 20Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 21Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 22Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 23Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 24Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 25Page - Omron Electronics LLC E5CZ-R2T Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
E5AZ/E5EZ
22
External Connections
• The voltage output for control output 1 is not electrically insulated from the internal circuits. When using a grounding thermocouple, do not
connect any of the control output terminals to ground. If the control output terminals are connected to ground, errors will occur in the measured
temperature values as a result of leakage current.
Nomenclature
+
CT1
EV1
EV2
+
+
EV1
EV2
+
E53-AZB
Option Units
+
A
B
B
+
V
mA
Pt
TC
100 to 240 VAC
24 VAC/DC (no polarity)
Relay output 250 VAC,
5 A (Resistive load)
Voltage output
12 VDC, 40 mA
Current output
4 to 20 mA DC
0 to 20 mA DC
Load 600
Ω max.
Alarm output
(Relay output),
250 VAC, 2 A
(Resistive load)
Input power supply
Control output 1
Alarm output 2
Alarm output 3
Alarm output 1,
HB alarm/HS
alarm/ input
error
Event input
TC/Pt universal input
Analog input
One CT
Do not use
Do not use
SD
RD
SG
B(+)
A(
−)
E53-AZ01
RS-232C
E53-AZ03
RS-485
Do not use
E5AZ/E5EZ
OMRON
No. 1 display
No. 2 display
Mode Key
Up Key
Level Key
Down Key
Temperature unit
Operation indicators
Operation indicators
OMRON
No. 1 display
No. 2 display
Mode Key
Level Key
Up Key
Down Key
Temperature unit
Operation indicators
E5AZ
E5EZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com