Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5CZ-R2ML Datasheet(PDF) 57 Page - Omron Electronics LLC

Part # E5CZ-R2ML
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2ML Datasheet(HTML) 57 Page - Omron Electronics LLC

Back Button E5CZ-R2ML Datasheet HTML 53Page - Omron Electronics LLC E5CZ-R2ML Datasheet HTML 54Page - Omron Electronics LLC E5CZ-R2ML Datasheet HTML 55Page - Omron Electronics LLC E5CZ-R2ML Datasheet HTML 56Page - Omron Electronics LLC E5CZ-R2ML Datasheet HTML 57Page - Omron Electronics LLC E5CZ-R2ML Datasheet HTML 58Page - Omron Electronics LLC E5CZ-R2ML Datasheet HTML 59Page - Omron Electronics LLC E5CZ-R2ML Datasheet HTML 60Page - Omron Electronics LLC E5CZ-R2ML Datasheet HTML 61Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
E5EZ-PRR
57
Adjustment
To adjust the PID constants, run AT.
Settings for position
proportional control
When position proportional control is selected, "Closed/Floating", "Motor calibra-
tion", "Travel time", "Position proportional dead band", "Open/Close hysteresis",
"Operation at potentiometer input error", and "PV dead band" can be used.
Closed/Floating
•
Closed control
Control whereby a potentiometer is connected to feed back the amount of
opening of the valve.
•
Floating control
Control without feedback of the amount of opening of the valve. Control is
possible without connecting a potentiometer.
Motor calibration and travel time
Run "Motor calibration" when a potentiometer is connected for closed control or
floating control that monitors the amount of valve opening.
This will also automatically set the "Travel time", which is the amount of time from
when the valve is completely open to when the valve is completely closed.
When performing floating control without a potentiometer, it is necessary to man-
ually set the "Travel time". Set the travel time to the amount of time from when
the valve is completely open to when the valve is completely closed.
Position proportional dead band and
Open/Close hysteresis
The valve output hold interval (the duration of ON/OFF switching of open output
and closed output) is set in "Position proportional dead band", and the hysteresis
is set in "Open/Close hysteresis".
The relation to valve opening is shown below.
PV dead band
When the present value is inside the PV dead band, this function is used to per-
form control for PV = SP and stop unnecessary output when the PV is close to
the SP.
Operation at potentiometer input error Use this setting to select whether to stop control or switch to floating control and
continue when a potentiometer error occurs during closed control.
0
Dead band
−100%
OFF
ON
100%
Open/close hysteresis
MV-Valve opening



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com