Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5CZ-R2MLD Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E5CZ-R2MLD
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2MLD Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E5CZ-R2MLD Datasheet HTML 6Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 7Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 8Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 9Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 10Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 11Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 12Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 13Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
E5CZ/E5CZ-U
10
External Connections
• A voltage output (control output 1) is not electrically insulated from the internal circuits. When using a grounding thermocouple, do not connect
any of the control output terminals to ground. If the control output terminals are connected to ground, errors will occur in the measured
temperature values as a result of leakage current.
Relay output
250 VAC, 3 A
(Resistive load)
Voltage output
12 VDC, 21 mA
Current output
4 to 20 mA DC
0 to 20 mA DC
Load 600
Ω max.
15
14
12
13
11
5
4
A
B
B
V
+
+
6
8
9
10
2
3
1
7
+
Analog input TC/Pt
universal input
Control output 1
Alarm output (Relay output)
Alarm output 2
Input power supply
100 to 240 VAC
24 VAC/DC (no polarity)
Alarm output 1, HB alarm/HS
alarm/input error
Alarm output (Relay
output), 250 VAC, 1 A
(Resistive load)
mA
+
E53-CZ03
Communications
Do not
use.
Do not
use.
Do not
use.
Do not
use.
Do not
use.
B
A
RS-485
12
11
15
14
13
E53-CZB
Event inputs
EV1
EV2
12
11
15
14
13
E53-CZHB
Event inputs/
CT
CT1
13
14
15
11
12
EV2
EV1
E53-CZH03
Communications/
CT
CT1
13
14
15
11
12
B
A
RS-485
Do not
use.
E5CZ
Option Units
3
2
1
7
8
9
10
11
5
4
6
A
B
B
+
Relay output
SPDT 250 VAC, 3 A
(Resistive load)
Voltage output
12 VDC, 21 mA
Control output 1
TC/Pt
universal input
+
Input power supply
Alarm output 2
100 to 240 VAC
24 VAC/DC (no polarity)
Alarm output (Relay output),
250 VAC, 1 A (Resistive load)
Alarm output 1/
input error
E5CZ-U
Note: For the Wiring Socket, purchase the P2CF-11 or PG3A-11 separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com