Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5CZ-R2TU Datasheet(PDF) 53 Page - Omron Electronics LLC

Part # E5CZ-R2TU
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2TU Datasheet(HTML) 53 Page - Omron Electronics LLC

Back Button E5CZ-R2TU Datasheet HTML 49Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 50Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 51Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 52Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 53Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 54Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 55Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 56Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 57Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
E5EZ-PRR
53
Error Displays
When an error occurs, the error contents are shown on the No.1 display.
This section describes how to check error codes on the display, and the actions
to be taken to remedy the problems.
Meaning
The input value has exceeded the input indication range(
−1999 (−199.9) to
9999 (999.9)).
Action
Check the wiring of inputs for miswiring, disconnections, and short-circuits and
check the input type.
If no abnormality is found in the wiring and input type, turn the power OFF then
back ON again.
If the display remains the same, the Controller must be replaced. If the display is
restored, then the probable cause is electrical noise affecting the control system.
Check for electrical noise.
Operation at Error
After an error occurs, the error is displayed and the alarm outputs function as if
the upper limit has been exceeded.
When the “input error output” parameter in the advanced function level is set to
ON, the alarm 1 output turns ON whenever an input error occurs.
An error message is displayed when the PV or PV/SV/valve open percentage is
displayed.
Note. When the manual MV, MV at stop, or MV at PV error is set, the control
output corresponds to the set value.
Meaning
Though this is not an error, it is displayed if the process value exceeds the dis-
play range when the control range is larger than the display range.
The display ranges are shown below.
• When less than
−1,999 (−199.9) [[[[
• When more than 9,999 (999.9)
]]]]
Operation at Error
Control continues, allowing normal operation. The message is displayed when
the PV or PV/SV/valve open percentage is displayed.
5.err
Input Error
Display Range Exceeded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com