Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5AZ-R3HMTD Datasheet(PDF) 25 Page - Omron Electronics LLC

Part # E5AZ-R3HMTD
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AZ-R3HMTD Datasheet(HTML) 25 Page - Omron Electronics LLC

Back Button E5AZ-R3HMTD Datasheet HTML 21Page - Omron Electronics LLC E5AZ-R3HMTD Datasheet HTML 22Page - Omron Electronics LLC E5AZ-R3HMTD Datasheet HTML 23Page - Omron Electronics LLC E5AZ-R3HMTD Datasheet HTML 24Page - Omron Electronics LLC E5AZ-R3HMTD Datasheet HTML 25Page - Omron Electronics LLC E5AZ-R3HMTD Datasheet HTML 26Page - Omron Electronics LLC E5AZ-R3HMTD Datasheet HTML 27Page - Omron Electronics LLC E5AZ-R3HMTD Datasheet HTML 28Page - Omron Electronics LLC E5AZ-R3HMTD Datasheet HTML 29Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
E5AZ/E5EZ
25
Accessories
USB-Serial Conversion Cable (Order Separately)
Unit Labels (Order Separately)
Current Transformers (Order Separately)
(2,100)
250
1,765
USB connector (type A plug)
Serial connector
LED indicator (RD)
LED indicator (SD)
E58-CIFQ1
92.3
13
6.5 dia.
10.5
8
6.5
Terminal Covers
E53-COV11
(Two Covers provided.)
(Order Separately)
Waterproof Packing
Y92S-P4 (for DIN 96
× 96)
Y92S-P5 (for DIN 48
× 96)
Order the Waterproof Packing separately if it becomes lost or damaged.
The Waterproof Packing can be used to achieve an IP66 (indoor use) degree
of protection.
(Deterioration, shrinking, or hardening of the waterproof packing may occur
depending on the operating environment. Therefore, periodic replacement is
recommended to ensure the level of waterproofing specified in IP66 (indoor
use). The time for periodic replacement depends on the operating environ-
ment. Be sure to confirm this point at your site. Consider one year a rough
standard. OMRON shall not be liable for the level of water resistance if the
customer does not perform periodic replacement.)
The Waterproof Packing does not need to be attached if a waterproof structure
is not required.
4.8
11.8
Y92S-L1 Type
30
21
15
5.8 dia.
25
3
40
10.5
2.8
7.5
10
Two, 3.5 dia.
E54-CT1
40
× 40
30
12 dia.
9
2.36 dia.
15
30
Two, M3 (depth: 4)
Approx. 3 dia.
18
(22)
Approx. 6 dia.
Plug
Armature
Lead
E54-CT3
E54-CT3 Accessory
•Armature
•Plug
Connection Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com