Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC08D Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC08D
Description  Quad 2-Input AND Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC08D Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54AC08D Datasheet HTML 1Page - National Semiconductor (TI) 54AC08D Datasheet HTML 2Page - National Semiconductor (TI) 54AC08D Datasheet HTML 3Page - National Semiconductor (TI) 54AC08D Datasheet HTML 4Page - National Semiconductor (TI) 54AC08D Datasheet HTML 5Page - National Semiconductor (TI) 54AC08D Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
54AC08
Quad 2-Input AND Gate
General Description
The ’AC08 contains four, 2-input AND gates.
Features
n ICC reduced by 50%
n Outputs source/sink 24 mA
n Standard Microcircuit Drawing (SMD) 5962-87615
n For Military 54ACT08 device, see 54ACTQ08
Logic Symbols
Connection Diagrams
Pin Names
Description
A
n,Bn
Inputs
O
n
Outputs
FACT™ is a trademark of Fairchild Semiconductor Corporation.
IEEE/IEC
DS100260-1
Pin Assignment
for DIP and Flatpak
DS100260-3
Pin Assignment
for LCC
DS100260-2
September 1998
© 1998 National Semiconductor Corporation
DS100260
www.national.com


Similar Part No. - 54AC08D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
Quad 2-Input NAND Gate
logo
Intersil Corporation
54AC00 INTERSIL-54AC00 Datasheet
24Kb / 4P
Quad 2-Input NAND Gate
July 1998
logo
Silicon Supplies
54AC00 SS-54AC00 Datasheet
435Kb / 5P
Advanced CMOS Logic
54AC00 SS-54AC00 Datasheet
358Kb / 5P
Advanced CMOS Logic
Rev 1.0 19/02/21
54AC00 SS-54AC00_V01 Datasheet
358Kb / 5P
Advanced CMOS Logic
Rev 1.0 19/02/21
More results

Similar Description - 54AC08D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
Quad 2-Input AND Gate
1999 REV 0
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
QUAD 2-INPUT AND GATE
Feb-1993
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
QUAD 2-INPUT AND GATE
Jul-2001
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
QUAD 2-INPUT AND GATE
logo
Rohm
BU4081B ROHM-BU4081B Datasheet
50Kb / 4P
Quad 2-input AND gate
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
Quad 2-Input AND Gate
logo
STMicroelectronics
74VHCT08A STMICROELECTRONICS-74VHCT08A_04 Datasheet
217Kb / 11P
QUAD 2-INPUT AND GATE
16-Dec-2004
logo
IK Semicon Co., Ltd
IN74VHCT08 IKSEMICON-IN74VHCT08 Datasheet
254Kb / 6P
Quad 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com