Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM10CWM Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM10CWM
Description  Operational Amplifier and Voltage Reference
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM10CWM Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM10CWM Datasheet HTML 4Page - Texas Instruments LM10CWM Datasheet HTML 5Page - Texas Instruments LM10CWM Datasheet HTML 6Page - Texas Instruments LM10CWM Datasheet HTML 7Page - Texas Instruments LM10CWM Datasheet HTML 8Page - Texas Instruments LM10CWM Datasheet HTML 9Page - Texas Instruments LM10CWM Datasheet HTML 10Page - Texas Instruments LM10CWM Datasheet HTML 11Page - Texas Instruments LM10CWM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
LM10
SNOSBH4E – MAY 1998 – REVISED OCTOBER 2015
www.ti.com
6.6 Electrical Characteristics, LM10BL
TJ=25°C unless otherwise specified.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
0.3
2
mV
Input offset voltage
TMIN ≤ TJ ≤ TMAX (see
(1))
3
mV
TJ=25°C
0.1
0.7
nA
Input offset current(2)
TMIN ≤ TJ ≤ TMAX (see
(1))
1.5
nA
TJ=25°C
10
20
nA
Input bias current
TMIN ≤ TJ ≤ TMAX (see
(1))
30
nA
TJ=25°C
250
500
k
Ω
Input resistance
TMIN ≤ TJ ≤ TMAX (see
(1))
150
k
Ω
VS = ±3.25 V, IOUT = 0
60
300
V/mV
VOUT = ±3.2 V, TMIN ≤ TJ ≤ TMAX (see
(1))
40
V/mV
VS = ±3.25 V, IOUT = 10 mA
10
25
V/mV
VOUT = ±2.75 V, TMIN ≤ TJ ≤ TMAX (see
(1))
4
V/mV
Large signal voltage gain
VS = ±0.6 V, IOUT = ±2 mA
1.5
3
V/mV
VS = 0.65 V, IOUT = ±2 mA, TMIN ≤ TJ ≤ TMAX (see
(1))
1.5
3
V/mV
VOUT = ±0.4 V, VCM = −0.4 V, TMIN ≤ TJ ≤ TMAX (see
(1))
0.5
V/mV
VOUT = ±0.3 V, VCM = −0.4 V, TMIN ≤ TJ ≤ TMAX (see
(1))
0.5
V/mV
1.5 V
≤ V +≤ 6.5 V, RL = 500 Ω
8
30
V/mV
Shunt gain(3)
0.1 mA
≤ IOUT ≤ 10 mA, TMIN ≤ TJ ≤ TMAX (see
(1))
4
V/mV
−3.25 V ≤ VCM ≤ 2.4 V
89
102
dB
Common-mode rejection
−3.25 V ≤ VCM ≤ 2.25 V, TMIN ≤ TJ ≤ TMAX (see
(1))
VS = ±3.25 V, TMIN ≤ TJ ≤ TMAX (see
(1))
83
dB
−0.2 V ≥ V− ≥ −5.4 V
86
96
dB
V+ = 1 V, TMIN ≤ TJ ≤ TMAX (see
(1))
80
dB
V+ = 1.2 V, TMIN ≤ TJ ≤ TMAX (see
(1))
80
dB
Supply-voltage rejection
1 V
≤ V+ ≤ 6.3 V
94
106
dB
1.1 V
≤ V+ ≤ 6.3 V, TMIN ≤ TJ ≤ TMAX (see
(1))
94
106
dB
V−=0.2 V, TMIN ≤ TJ ≤ TMAX (see
(1))
88
dB
Offset voltage drift
2
μV/°C
Offset current drift
2
pA/°C
Bias current drift
60
pA/°C
1.2 V
≤ VS ≤ 6.5 V
0.001
0.01
%/V
Line regulation
1.3 V
≤ VS ≤ 6.5 V, TMIN ≤ TJ ≤ TMAX (see
(1))
0.001
0.01
%/V
0
≤ IREF ≤ 0.5 mA, VREF = 200 mV, TMIN ≤ TJ ≤ TMAX (see
(1))
0.02
%/V
0
≤ IREF ≤ 0.5 mA
0.01%
0.1%
Load regulation
V+
− VREF ≥ 1 V, TMIN ≤ TJ ≤ TMAX (see
(1))
0.15%
V+
− VREF ≥ 1.1 V, TMIN ≤ TJ ≤ TMAX (see
(1))
0.15%
TJ=25°C
30
70
V/mV
Amplifier gain
0.2 V
≤ VREF ≤ 5.5 V
TMIN ≤ TJ ≤ TMAX (see
(1))
20
V/mV
TJ=25°C
195
200
205
mV
Feedback sense voltage
TMIN ≤ TJ ≤ TMAX (see
(1))
194
206
mV
(1)
These specifications apply for V−
≤ VCM ≤ V
+− 0.85 V, 1 V (T
MIN ≤ TJ ≤ TMAX), 1.2 V, 1.3 V (TMIN ≤ TJ ≤ TMAX) < VS ≤ VMAX, VREF = 0.2 V
and 0
≤ IREF ≤ 1 mA, unless otherwise specified: VMAX = 40 V for the standard part and 6.5 V for the low voltage part. The full-
temperature-range operation is
−55°C to 125°C for the LM10, −25°C to 85°C for the LM10B(L) and 0°C to 70°C for the LM10C(L). The
specifications do not include the effects of thermal gradients (
τ1 ≃ 20 ms), die heating (τ2 ≃ 0.2 s) or package heating. Gradient effects
are small and tend to offset the electrical error (see curves).
(2)
For TJ > 90°C, IOS may exceed 1.5 nA for VCM = V
−. With T
J=125°C and V
− ≤ V
CM ≤ V
−+ 0.1 V, I
OS ≤ 5 nA.
(3)
This defines operation in floating applications such as the bootstrapped regulator or two-wire transmitter. Output is connected to the V+
terminal of the IC and input common mode is referred to V− (see System Examples). Effect of larger output-voltage swings with higher
load resistance can be accounted for by adding the positive-supply rejection error.
8
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: LM10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com