Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6484IM/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6484IM/NOPB
Description  CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6484IM/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LMC6484IM/NOPB Datasheet HTML 24Page - Texas Instruments LMC6484IM/NOPB Datasheet HTML 25Page - Texas Instruments LMC6484IM/NOPB Datasheet HTML 26Page - Texas Instruments LMC6484IM/NOPB Datasheet HTML 27Page - Texas Instruments LMC6484IM/NOPB Datasheet HTML 28Page - Texas Instruments LMC6484IM/NOPB Datasheet HTML 29Page - Texas Instruments LMC6484IM/NOPB Datasheet HTML 30Page - Texas Instruments LMC6484IM/NOPB Datasheet HTML 31Page - Texas Instruments LMC6484IM/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
1
IN
2
f
1
IN
2
f
1
1
2 R C
2 R
C
or
R C
R
C
³
p
p
£
LMC6484
SNOS675C – AUGUST 2000 – REVISED SEPTEMBER 2015
www.ti.com
Typical Application (continued)
Figure 53. Canceling the Effect of Input Capacitance
The effect of input capacitance can be compensated for by adding a feedback capacitor. The feedback capacitor
(as in Figure 53), Cf, is first estimated by Equation 1:
(1)
which typically provides significant overcompensation. Printed circuit board stray capacitance may be larger or
smaller than that of a breadboard, so the actual optimum value for Cf may be different. The values of Cf should
be checked on the actual circuit. (Refer to the LMC660 Quad CMOS Amplifier data sheet (SNOSBZ3) for a more
detailed discussion.)
8.2.2.3 Offset Voltage Adjustment
Offset voltage adjustment circuits are illustrated in Figure 54 and Figure 55. Large value resistances and
potentiometers are used to reduce power consumption while providing typically ±2.5 mV of adjustment range,
referred to the input, for both configurations with VS = ±5 V.
Figure 54. Inverting Configuration
Figure 55. Noninverting Configuration
Offset Voltage Adjustment
Offset Voltage Adjustment
28
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LMC6484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com