Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1600MM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SSD1600MM
Description  ENTERPRISE SOLID-STATE DRIVES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1600MM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SSD1600MM Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD1600MM Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product name
Specifications
Model / Part No.
HUSMM1616ASS204 / 0B32167
HUSMM1616ASS200 / 0B31068
HUSMM1616ASS201 / 0B32143
HUSMM1616ASS205 / 0B32188
HUSMM1680ASS204 / 0B32166
HUSMM1680ASS200 / 0B31067
HUSMM1680ASS201 / 0B32146
HUSMM1680ASS205 / 0B32187
HUSMM1640ASS204 / 0B32165
HUSMM1640ASS200 / 0B31066
HUSMM1640ASS201 / 0B32145
HUSMM1640ASS205 / 0B32186
HUSMM1620ASS204 / 0B32164
HUSMM1620ASS200 / 0B31065
HUSMM1620ASS201 / 0B32144
HUSMM1620ASS205 / 0B32185
Configuration
Interface
SAS 12Gb/s
Capacity (GB1) at 512 bytes/sector
1600 / 800 / 400 / 200
Form factor
2.5-inch
Flash memory technology
Multi Level Cell (MLC)
Sector size support
512, 520, 528, 4K
Performance
Read throughput (max MB/s, sequential 64K)
1100
Write throughput (max MB/s, sequential 64K)
765
Read IOPS (max IOPS, random 4K)
130,000
Write IOPS (max IOPS, random 4k)
100,000
Reliability
Error rate (non-recoverable bits read)
1 in 1017
MTBF2 (M hours)
2.5
Annual failure rate2 (AFR)
0.35%
Availability (hrs/day x days/wk)
24x7
Endurance (max PB1, random write)
29.2 / 14.6 / 7.3 / 3.6
Ultrastar® SSD1600MM
DATA SHEET
ENTERPRISE SOLID-STATE DRIVES
Power
Requirement
+5 VDC (+/-5%)
+12 VDC (+/-5%)
Operating (W, typical)
9.0 and 11.0
Idle (W)
2.2
Physical
z-height (mm)
15.0
Dimensions (width x depth, mm)
70.1 x 100.6
Weight (g, max)
187
Environmental (operating)
Case temperature
0º to 70ºC
Shock (half-sine wave)
1000G (0.5ms)
500G (2ms)
Vibration, random (G RMS)
2.16, all axis (5 to 700 Hz)
1
One gigabyte (GB) is equal to one billion bytes, one terabyte (TB) is equal to 1,000GB (one trillion bytes),
and one petabyte (PB) is equal to 1,000TB (one quadrillion bytes) when referring to solid-state drive or hard
drive capacity. Accessible capacity will vary from the stated capacity due to formatting and partitioning of
the drive, the computer’s operating system, and other factors.
2
MTBF and AFR targets are based on a sample population and are estimated by statistical measurements
and acceleration algorithms under median operating conditions. MTBF and AFR ratings do not predict an
individual drive’s reliability and do not constitute a warranty.
How to Read the Ultrastar Model Number
HUSMM1616ASS200 = 1600GB, SAS 12Gb/s
H
= HGST
U
= Ultrastar
S
= Standard
MM = Multi level cell, mainstream endurance
(10DW/D)
16 = Full initial capacity (1600GB)
16 = Capacity of this model (19 = 1920GB,
(16 = 1600GB, 80 = 800GB, 40 = 400GB, etc.)
A
= Generation code
S
= Small form factor (vs. L for Large FF)
S2 = Interface, SAS 12Gb/s
0
= Standard (3 = 3DW/D)
0
= Crypto sanitize
(1 = TCG encryption, 4 = No encryption,
5 = TCG + FIPS certified encryption)
© 2015 HGST, Inc., 3403 Yerba Buena Road, San Jose, CA 95135 USA. Produced in the United
States 4/15, revised 8/15. All rights reserved.
Ultrastar is a registered trademark of HGST, Inc. and its affiliates in the United States and/or other
countries.
HGST trademarks are intended and authorized for use only in countries and jurisdictions in which
HGST has obtained the rights to use, market and advertise the brand. Contact HGST for additional
information. HGST shall not be liable to third parties for unauthorized use of this document or
unauthorized use of its trademarks.
References in this publication to HGST’s products, programs or services do not imply that HGST
intends to make these available in all countries in which it operates.
Product specifications provided are sample specifications and do not constitute a warranty.
Information is true as of the date of publication and is subject to change. Actual specifications for
unique part numbers may vary.
Please visit the Support section of our website www.hgst.com/support for additional information on
product specifications. Photographs may show design models.
Information & Technical Support
www.hgst.com
www.hgst.com/support
Partners First Program
channelpartners@hgst.com
www.hgst.com/partners
DS22-EN-US-0815-04



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com