Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H366 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # H366
Description  Safety Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

H366 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  H366 Datasheet HTML 1Page - List of Unclassifed Manufacturers H366 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Data Sheet
H361AWK
Safety Switch , 30A, 600V, Fusible, Heavy Duty,
3-Pole
List Price
$637.00 USD
Availability Stock Item: This item is normally stocked in our distribution facility.
Depth
4.96 Inches
Height
14.60 Inches
Width
6.63 Inches
Action
Single Throw
Ampere Rating
30A
Approvals
UL Listed
Catalog Reference Number
3100CT9801
Electrical Interlock
None
Enclosure Rating
NEMA 3R/12
Enclosure Material
Galvannealed Steel
Enclosure Type
Rainproof, Sleet/Ice proof and Dust tight (Indoor/Outdoor)
Factory Installed Neutral
No
Disconnect Type
Fusible
Terminal Type
Lugs
Mounting Type
Surface
Wire Size
#12 to #2 AWG(Al) or #14 to #2 AWG(Cu)
Type of Duty
Heavy Duty
Short Circuit Current Rating
10kA (Class H or K) - 200kA (Class R,J or L)
Number of Poles
3-Pole
Maximum Voltage Rating
600V
Technical Characteristics
Category
00113 - Safety Switch, Heavy Duty, NEMA12, 2 & 3 Pole, 30 - 200 Amp
Discount Schedule
DE1
Article Number
785901481997
Package Quantity
1
Weight
10.57 lbs.
Availability Code
Stock Item: This item is normally stocked in our distribution facility.
Returnability
Y
Shipping and Ordering
As standards, specifications, and designs change from time to time, please ask for confirmation of the information given in this document.
Generated: 06/18/2009 02:13:46
© 2009 Schneider Electric. All rights reserved.
1


Similar Part No. - H366

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
H366 SCHNEIDER-H366 Datasheet
114Kb / 2P
Safety switch, heavy duty, fusible, 600A, 3 poles, 500 hp, 600 VAC/DC, NEMA 1
Jun 3, 2021
H366AWK SCHNEIDER-H366AWK Datasheet
93Kb / 2P
Safety switch, heavy duty, fusible, 600A, 3 poles, 500 hp, 600 VAC/DC, NEMA 12
Jun 7, 2021
H366AWKVW SCHNEIDER-H366AWKVW Datasheet
64Kb / 2P
Safety switch, heavy duty, fusible, 600A, 3 poles, 500 hp, 600 VAC/DC, NEMA 12, viewing window
Jun 21, 2021
H366DS SCHNEIDER-H366DS Datasheet
159Kb / 2P
Safety switch, heavy duty, fusible, 600A, 3 poles, 500 hp, 600 VAC/DC, NEMA 4, 4X, 5, 304 steel
Jun 7, 2021
H366N SCHNEIDER-H366N Datasheet
119Kb / 2P
Safety switch, heavy duty, fusible, 600A, 3 poles, 500 hp, 600 VAC/DC, neutral factory installed, NEMA1
Jun 3, 2021
More results

Similar Description - H366

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H365NR ETC2-H365NR Datasheet
90Kb / 1P
Safety Switch
HU362 ETC2-HU362 Datasheet
443Kb / 2P
Safety Switch
logo
Pepperl+Fuchs Inc.
VAA-1E-IEI3-READER1-S-V31 PF-VAA-1E-IEI3-READER1-S-V31 Datasheet
149Kb / 1P
Safety Switch
VAA-2E1A-IER1-S-1M-V1 PF-VAA-2E1A-IER1-S-1M-V1 Datasheet
301Kb / 2P
Safety Switch
VAZ-IEI3-TAG1-S PF-VAZ-IEI3-TAG1-S Datasheet
129Kb / 1P
Safety Switch
VAZ-IER1-ACTUATOR1-S PF-VAZ-IER1-ACTUATOR1-S Datasheet
184Kb / 1P
Safety Switch
VAZ-IER2-ACTUATOR2-S PF-VAZ-IER2-ACTUATOR2-S Datasheet
171Kb / 1P
Safety Switch
VAA-2E-IER2-S-1M-V1 PF-VAA-2E-IER2-S-1M-V1 Datasheet
286Kb / 2P
Safety Switch
2019-01-09
VAA-2E-IM1-J-S-V1 PF-VAA-2E-IM1-J-S-V1 Datasheet
228Kb / 2P
Safety Switch
2019-01-09
VAA-2E2A-IM1-J-S-V1 PF-VAA-2E2A-IM1-J-S-V1 Datasheet
233Kb / 2P
Safety Switch
2019-01-09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com