Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA211ID Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211ID
Description  Low Power, Precision Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA211ID Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA211ID Datasheet HTML 17Page - Texas Instruments OPA211ID Datasheet HTML 18Page - Texas Instruments OPA211ID Datasheet HTML 19Page - Texas Instruments OPA211ID Datasheet HTML 20Page - Texas Instruments OPA211ID Datasheet HTML 21Page - Texas Instruments OPA211ID Datasheet HTML 22Page - Texas Instruments OPA211ID Datasheet HTML 23Page - Texas Instruments OPA211ID Datasheet HTML 24Page - Texas Instruments OPA211ID Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
OPA211
Output
R
F
Input
-
+
R
I
OPA211, OPA2211
www.ti.com
SBOS377H – OCTOBER 2006 – REVISED NOVEMBER 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The OPA211 and OPA2211 are unity-gain stable, precision operational amplifiers with very-low noise.
Applications with noisy or high-impedance power supplies require decoupling capacitors close to the device pins.
In most cases, 0.1-
μF capacitors are adequate.
9.1.1 Operating Voltage
OPA211 series operational amplifiers operate from ±2.25- to ±18-V supplies while maintaining excellent
performance. The OPA211 series can operate with as little as 4.5 V between the supplies and with up to 36 V
between the supplies. However, some applications do not require equal positive and negative output voltage
swing. With the OPA211 series, power-supply voltages do not need to be equal. For example, the positive supply
could be set to 25 V with the negative supply at –5 V or vice-versa.
The common-mode voltage must be maintained within the specified range. In addition, key parameters are
assured over the specified temperature range, TA = –40°C to +125°C. Parameters that vary significantly with
operating voltage or temperature are shown in the Typical Characteristics.
9.1.2 Input Protection
The input terminals of the OPA211 are protected from excessive differential voltage with back-to-back diodes, as
shown in Figure 44. In most circuit applications, the input protection circuitry has no consequence. However, in
low-gain or G = 1 circuits, fast ramping input signals can forward bias these diodes because the output of the
amplifier cannot respond rapidly enough to the input ramp. This effect is shown in Figure 30 of the Typical
Characteristics. If the input signal is fast enough to create this forward bias condition, the input signal current
must be limited to 10 mA or less. If the input signal current is not inherently limited, an input series resistor can
be used to limit the signal input current. This input series resistor degrades the low-noise performance of the
OPA211, and is discussed in the Noise Performance section of this data sheet. Figure 44 shows an example
implementing a current-limiting feedback resistor.
Figure 44. Pulsed Operation
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: OPA211 OPA2211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com